Electronic Components Datasheet Search
  English  ▼

X  

FS6500 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FS6500
Description  FS6507, System Basis Chip, ASIL B, DCDC 0.8 A Vcore, LDT, CAN, LIN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 1 Page - NXP Semiconductors

  FS6500 Datasheet HTML 1Page - NXP Semiconductors FS6500 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS6507, System Basis Chip, ASIL B, DCDC 0.8 A Vcore, LDT, CAN, LIN
KITFS6507LAEEVM evaluation board demonstrates the functionality of MC33FS6507 supports CAN FD
and LIN with Vcore SMPS regulator up to 0.8 A.These Safety SBCs target ISO 26262 automotive
functional safety standard (ASIL B).
NXP’s analog product development boards provide an easy-to-use platform for evaluating NXP products.
The boards support a range of analog, mixed-signal and power solutions. They incorporate monolithic
ICs and system-in-package devices that use proven high-volume SMARTMOS technology. NXP products
offer longer battery life, a smaller form factor, reduced component counts, lower cost and improved
performance in powering state of the art systems.
The tool can be used in a standalone mode and controlled with an embedded USB interface. SPI
command is easily controlled by the FlexGUI downloadable here.
On-Board Devices
Processors and Microcontrollers
KL2x : Kinetis® KL2x-72/96 MHz, USB Ultra-Low-Power Microcontrollers (MCUs) based on Arm® Cortex®-
M0+ Core


Similar Part No. - FS6500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
FS6500 NXP-FS6500 Datasheet
3Mb / 153P
Safety power system basis chip with CAN FD and LIN transceivers
Rev. 8 - 5 August 2024
FS6500 NXP-FS6500_V01 Datasheet
3Mb / 153P
Safety power system basis chip with CAN FD and LIN transceivers
Rev. 8 - 5 August 2024
More results

Similar Description - FS6500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
LIN core system basis chip
Rev. 02-27 May 2010
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA113X NXP-UJA113X Datasheet
858Kb / 132P
Buck/boost HS-CAN/(dual) LIN system basis chip
Rev. 2-5 July 2016
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com