Electronic Components Datasheet Search
  English  ▼

X  

CCD181 Datasheet(PDF) 1 Page - Seme LAB

Part # CCD181
Description  Variable-Element High-Speed Linear Image Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CCD181 Datasheet(HTML) 1 Page - Seme LAB

  CCD181 Datasheet HTML 1Page - Seme LAB CCD181 Datasheet HTML 2Page - Seme LAB CCD181 Datasheet HTML 3Page - Seme LAB CCD181 Datasheet HTML 4Page - Seme LAB CCD181 Datasheet HTML 5Page - Seme LAB CCD181 Datasheet HTML 6Page - Seme LAB CCD181 Datasheet HTML 7Page - Seme LAB CCD181 Datasheet HTML 8Page - Seme LAB CCD181 Datasheet HTML 9Page - Seme LAB Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Fairchild Imaging, Inc., 1801 McCarthy Blvd., Milpitas, CA 95035 • (800)325-6975 • (408) 433-2500
FEATURES
•
2592 x 1 photosite array
•
10
µµµµµm x 10µµµµµm photosites on 10µµµµµm pitch
•
Anti-blooming and integration control
•
Voltage-selectable array lengths:
2592 Elements
2048 elements
1728 elements
1024 elements
•
Enhanced spectral response (particularly in
the blue region)
•
Excellent low-light-level performance
•
Low dark signal
•
High responsivity
•
High speed operation
•
Dynamic range typical: 7500:1
•
Over 1 V peak-to-peak outputs
•
Dark references contained in sampled-and-
held outputs
•
Special selection available - consult factory
CCD 181
Variable-Element High-Speed
Linear Image Sensor


Similar Part No. - CCD181

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
Compact, Economical Temperature Controllers
logo
Molex Electronics Ltd.
CCD10101 MOLEX4-CCD10101 Datasheet
67Kb / 2P
Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
CCD10101 MOLEX4-CCD10101 Datasheet
68Kb / 3P
Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
CCD10101 MOLEX4-CCD10101 Datasheet
67Kb / 2P
Krimptite??Ring Tongue Terminal for 10-12 AWG Wire
CCD10101 MOLEX4-CCD10101 Datasheet
67Kb / 2P
Krimptite??Ring Tongue Terminal
More results

Similar Description - CCD181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
30-Jun-1997
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
CCD143A ETC2-CCD143A Datasheet
844Kb / 12P
2048-Element High Speed Linear Image Sensor
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
CMOS linear image sensor High-speed readout, simultaneous integration
logo
Fairchild Semiconductor
CCD191 FAIRCHILD-CCD191 Datasheet
522Kb / 8P
6000 Element Linear Image Sensor
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
logo
List of Unclassifed Man...
CCD133A ETC-CCD133A Datasheet
655Kb / 12P
1024-Element High Speed Linear Image Sensor
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
1024-Element Linear Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com