| Electronic Components Datasheet Search |
|
TS488IQT Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS488IQT Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 32 page ![]() 3 Electrical characteristics Table 4. Electrical characteristics at VCC=+5 V with GND =0 V, Tamb= 25 °C (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit ICC Supply current No input signal, no load 2 2.7 mA ISTBY Standby current No input signal, VSTBY = GND RL = 32 Ω 10 1000 nA Pout Output power THD+N = 0.1% max., F = 1 kHz, RL = 32 Ω 75 mW THD+N = 1% max. F = 1 kHz, RL = 32 Ω 70 80 THD+N = 0.1% max., F = 1 kHz, RL = 16 Ω 120 THD+N = 1% max., F = 1 kHz, RL = 16 Ω 100 130 THD+N Total harmonic distortion + noise AV=-1, RL = 32 Ω, Pout = 60 mW, 20 Hz ≤ F ≤ 20 kHz 0.3 % AV=-1, RL = 16 Ω, Pout = 90 mW, 20 Hz ≤ F ≤ 20 kHz 0.3 PSRR Power supply rejection ratio, inputs grounded(1) AV=-1, RL ≥ 16 Ω, Cb=1 µF, F = 1 kHz, Vripple = 200 mVpp 64 70 dB AV=-1, RL ≥ 16 Ω, Cb=1 µF, F = 217 kHz, Vripple = 200 mVpp 62 68 VO Output swing VOL: RL = 32 Ω 0.23 0.31 V VOH: RL = 32 Ω 4.53 4.72 VOL: RL = 16 Ω 0.44 0.57 VOH: RL = 16 Ω 4.18 4.48 SNR Signal-to-noise ratio A-weighted, AV=-1, RL = 32 Ω, THD+N < 0.4%, 20 Hz ≤ F ≤ 20 kHz 105 dB Crosstalk Channel separation RL = 32 Ω, AV = -1, F = 1 kHz, F = 20 Hz to 20 kHz -102 dB RL = 32 Ω, AV = -1, F = 1 kHz, F = 20 Hz to 20 kHz -84 Ci Input capacitance 1 pF GBP Gain bandwidth product RL = 32 Ω 1.1 MHz SR Slew rate, unity gain inverting RL = 16 Ω 0.65 V/µs VIO Input offset voltage Vicm=VCC/2 1 20 mV twu Wake-up time 100 ms 1. Guaranteed by design and evaluation. TS488 Electrical characteristics DS4579 - Rev 8 page 4/32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |