Electronic Components Datasheet Search
  English  ▼

X  

TS4890 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TS4890
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TS4890 Datasheet HTML 30Page - STMicroelectronics TS4890 Datasheet HTML 31Page - STMicroelectronics TS4890 Datasheet HTML 32Page - STMicroelectronics TS4890 Datasheet HTML 33Page - STMicroelectronics TS4890 Datasheet HTML 34Page - STMicroelectronics TS4890 Datasheet HTML 35Page - STMicroelectronics TS4890 Datasheet HTML 36Page - STMicroelectronics TS4890 Datasheet HTML 37Page - STMicroelectronics TS4890 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Application information
TS4890
34/46
DocID8396 Rev 7
5.4
Power dissipation and efficiency
Hypothesis:
Voltage and current in the load are sinusoidal (Vout and Iout)
Supply voltage is a pure DC source (Vcc)
Regarding the load we have:
and
and
Then, the average current delivered by the supply voltage is:
The power delivered by the supply voltage is Psupply = Vcc IccAVG (W).
Then, the power dissipated by the amplifier is Pdiss = Psupply - Pout (W)
and the maximum value is obtained when
and its value is
Remark: This maximum value is only depending on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply.
V
OUT
V
PEAK
ωtV
()
sin
=
I
OUT
V
OUT
R
L
-------------- A
()
=
P
OUT
V
PEAK
2
2R
L
------------------- W
()
=
Icc
AVG
2
V
PEAK
πR
L
----------------- A
()
=
Pdiss
22Vcc
R
L
π
---------------------- P
OUT
P
OUT W
()
=
∂Pdiss
∂P
OUT
-------------------
0
=
Pdissmax
2Vcc
2
π
2
R
L
----------------- W
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com