Electronic Components Datasheet Search
  English  ▼

X  

TS514AID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS514AID
Description  Precision quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514AID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS514AID Datasheet HTML 2Page - STMicroelectronics TS514AID Datasheet HTML 3Page - STMicroelectronics TS514AID Datasheet HTML 4Page - STMicroelectronics TS514AID Datasheet HTML 5Page - STMicroelectronics TS514AID Datasheet HTML 6Page - STMicroelectronics TS514AID Datasheet HTML 7Page - STMicroelectronics TS514AID Datasheet HTML 8Page - STMicroelectronics TS514AID Datasheet HTML 9Page - STMicroelectronics TS514AID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
TS514
6/16
DocID5050 Rev 6
SVR
Supply voltage rejection ratio
20 log (
∆V
CC/∆Vio)
(VCC = ±5 V to ±15 V, Vout = Vicm = VCC/2)
90
dB
Vo1/Vo2 Channel separation, F = 1 kHz
120
dB
Table 3. Electrical characteristics at VCC = ±15 V, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com