Electronic Components Datasheet Search
  English  ▼

X  

SEN0197 Datasheet(PDF) 1 Page - DFROBOT

Part # SEN0197
Description  Voice Recorder‐ISD1820 SKU: SEN0197
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0197 Datasheet(HTML) 1 Page - DFROBOT

  SEN0197 Datasheet HTML 1Page - DFROBOT SEN0197 Datasheet HTML 2Page - DFROBOT SEN0197 Datasheet HTML 3Page - DFROBOT SEN0197 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
Voice Recorder‐ISD1820 SKU: SEN0197
From Robot Wiki 
 
Voice Recorder‐ISD1820 
Contents
1 Introduction 
2 Specification 
3 Board Overview 
4 Manual Control 
5 Arduino Control  
o
5.1 Requirements 
o
5.2 Connection Diagram 
o
5.3 Sample Code 
6 FAQ 
Introduction
This is the latest ISD1820 voice recorder module with integrated record and play functions.
Easily record your voice by pressing the record button, speaking and then releasing the button
when finished. The module is able to playback 10 seconds in total. Connect an 8Ω 3W speaker or
an external active speaker for voice output. The module also has a 3 pin digital interface so you
can connect it to an Arduino compatible microcontroller as a playback trigger.


Similar Part No. - SEN0197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN0192 ETC2-SEN0192 Datasheet
330Kb / 8P
Microwave Sensor
logo
DFROBOT
SEN0192 DFROBOT-SEN0192 Datasheet
329Kb / 8P
MicroWave Sensor SKU: SEN0192
SEN0193 DFROBOT-SEN0193 Datasheet
233Kb / 6P
Capacitive Soil Moisture Sensor SKU:SEN0193
SEN0198 DFROBOT-SEN0198 Datasheet
336Kb / 7P
HighTemperatureSensor SKU:SEN0198
More results

Similar Description - SEN0197

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX93521 MCNIX-MX93521 Datasheet
290Kb / 57P
ALL DIGITAL VOICE RECORDER MACHINE BASED ON THE MX93521 VOCODER CHIP
logo
Gilway Technical Lamp
58595 GILWAY-58595 Datasheet
36Kb / 1P
50mr16bnfl25 12v 10/cs 1/sku
logo
OKI electronic componet...
MSM6679A-110 OKI-MSM6679A-110 Datasheet
259Kb / 50P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6679AL-110 OKI-MSM6679AL-110 Datasheet
331Kb / 46P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
logo
Holtek Semiconductor In...
HT8658 HOLTEK-HT8658 Datasheet
857Kb / 15P
Voice Recorder (DRAM)
26th Sep 96
logo
Silicon Laboratories
VOICE-RECORD-RD SILABS-VOICE-RECORD-RD Datasheet
573Kb / 10P
VOICE RECORDER REFERENCE DESIGN KIT USER?셎
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
Nanodac Recorder
logo
List of Unclassifed Man...
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
Voice Recorder
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
PC Recorder Series PC RECORDER SOFTWARE PACKAGE
logo
List of Unclassifed Man...
ESP8266 ETC-ESP8266 Datasheet
913Kb / 8P
FireBeetle ESP8266 IOT Microcontroller SKU: DFR0489
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com