Electronic Components Datasheet Search
  English  ▼

X  

SEN0213 Datasheet(PDF) 2 Page - DFROBOT

Part # SEN0213
Description  Heart Rate Monitor Sensor SKU: SEN0213
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0213 Datasheet(HTML) 2 Page - DFROBOT

  SEN0213 Datasheet HTML 1Page - DFROBOT SEN0213 Datasheet HTML 2Page - DFROBOT SEN0213 Datasheet HTML 3Page - DFROBOT SEN0213 Datasheet HTML 4Page - DFROBOT SEN0213 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
Please Note: This product is NOT a medical device and is not intended
to be used as such or as an accessory to such nor diagnose or treat any
conditions.
Specification
Input Voltage: 3.3 ‐ 6V (5V recommended) 
Output Voltage: 0 ‐ 3.3V 
Operating current: <10mA 
Dimension: 35 x 22(mm), 1.378" x 0.866"(in) 
Interface Type: PH2.0‐3P 
Board Overview
 
Tutorial
Requirements
Hardware  
o
DFRduino UNO (or similar) x 1 
o
Heart Rate Monitor Sensor x 1 
o
Sensor cable ‐ Electrode Pads (3 connectors) x 1 
o
Biomedical Sensor Pad x 1 
o
Jumper wires 
Software  
o
Arduino IDE V1.6.6 or above, Click to Download Arduino IDE from Arduino® 
o
                                                     https://www.arduino.cc/en/Main/Software 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com