Electronic Components Datasheet Search
  English  ▼

X  

PZ120RC Datasheet(PDF) 1 Page - APEM

Part # PZ120RC
Description  Piezoelectric keypads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PZ120RC Datasheet(HTML) 1 Page - APEM

  PZ120RC Datasheet HTML 1Page - APEM PZ120RC Datasheet HTML 2Page - APEM PZ120RC Datasheet HTML 3Page - APEM PZ120RC Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Very long life
Front or rear mounting
12 keys
Panel sealed to IP68
Custom markings on request
DISTINCTIVE FEATURES
Piezoelectric keypads
PZ series
The company reserves the right to change specifications without notice.
• Output type : 4 x 3 matrix (NO contacts)
• Contact bounce time : 1ms max.
• Insulation resistance (OFF = not actuated) : 5 MΩ min.
• Initial contact resistance (ON = actuated) : 7.5 Ω max.
• Switching Voltage max. : 24 VDC
• Switching Current max. : 200 mA
• Electrical life : 10 million cycles min.
• ESD test : 20 KV max. according to IEC 1000-4-2
ELECTRICAL SPECIFICATIONS
• Sealing : IP68 front and rear according to IEC 60529
• Operating and storage temperature :
-40 °C to +85 °C (-40 °F to +185 °F)
• Rapid temperature variation test according to IEC 68-2-14 test N
• Endurance test at extreme temperatures : 300.000 cycles
• Shock resistance according to NF EN 60068-2-27 : up to 90 G
• Abrasion test R3799 with Taber 5900 : 1.000.000 cycles min.
• Flame resistance : UL94 HB horizontal position (30 seconds max.)
• Salt spray : 96 hours according to IEC 68-2-11 test Ka
• Washability : most commonly used detergents and solvents
ENVIRONMENTAL SPECIFICATIONS
1
KBD-PZ-1803


Similar Part No. - PZ120RC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunlord Electr...
PZ1005 SUNLORD-PZ1005 Datasheet
2Mb / 7P
Multilayer Chip Ferrite Bead – PZ Series
2011/03/15
PZ1005D102-1R0TF SUNLORD-PZ1005D102-1R0TF Datasheet
2Mb / 7P
Multilayer Chip Ferrite Bead – PZ Series
2011/03/15
PZ1005D102-2R5TF SUNLORD-PZ1005D102-2R5TF Datasheet
2Mb / 7P
Multilayer Chip Ferrite Bead – PZ Series
2011/03/15
PZ1005D102-R60TF SUNLORD-PZ1005D102-R60TF Datasheet
2Mb / 7P
Multilayer Chip Ferrite Bead – PZ Series
2011/03/15
PZ1005D121-1R0TF SUNLORD-PZ1005D121-1R0TF Datasheet
2Mb / 7P
Multilayer Chip Ferrite Bead – PZ Series
2011/03/15
More results

Similar Description - PZ120RC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
Piezoelectric Resonator
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
Piezoelectric Resonator
logo
List of Unclassifed Man...
4244A1 ETC2-4244A1 Datasheet
170Kb / 4P
Insertable Legend Keypads
logo
Grayhill, Inc
84AB1-103 GRAYHILL-84AB1-103 Datasheet
39Kb / 1P
Standard Keypads
87AC2046 GRAYHILL-87AC2046 Datasheet
39Kb / 1P
Standard Keypads
88M2001-2 GRAYHILL-88M2001-2 Datasheet
42Kb / 1P
Sealed Keypads
logo
PHOENIX CONTACT
2203184 PHOENIX-2203184 Datasheet
55Kb / 2P
Integration of TFT display and membrane keypads
logo
Amphenol Wilcoxon Sensi...
F7-1 WILCOXON-F7-1 Datasheet
202Kb / 1P
Piezoelectric shaker
Rev.G 10/21
logo
CUI Devices
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
List of Unclassifed Man...
7207-121W203 ETC1-7207-121W203 Datasheet
324Kb / 2P
720 GFX-i Series Sealed and Rugged Keypads
Rev 2 Dec 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com