Electronic Components Datasheet Search
  English  ▼

X  

MA710GQ Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MA710GQ
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710GQ Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MA710GQ Datasheet HTML 7Page - Monolithic Power Systems MA710GQ Datasheet HTML 8Page - Monolithic Power Systems MA710GQ Datasheet HTML 9Page - Monolithic Power Systems MA710GQ Datasheet HTML 10Page - Monolithic Power Systems MA710GQ Datasheet HTML 11Page - Monolithic Power Systems MA710GQ Datasheet HTML 12Page - Monolithic Power Systems MA710GQ Datasheet HTML 13Page - Monolithic Power Systems MA710GQ Datasheet HTML 14Page - Monolithic Power Systems MA710GQ Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
11
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 4: End-of-Shaft Mounting
If the end-of-shaft position is not available, the
sensor can be positioned away from the
rotation axis of a cylinder or ring magnet (see
Figure 5). In this case, the magnetic field angle
is
no
longer
directly
proportional
to
the
mechanical angle. The MA710 can be adjusted
to compensate for this effect and recover the
linear relation between the mechanical angle
and the sensor output. With multiple pole pair
magnets,
the
MA710
indicates
multiple
rotations for each mechanical turn.
Figure 5: Side-Shaft Mounting
Electrical Mounting and Power Supply
Decoupling
It is recommended to place a 1µF decoupling
capacitor close to the sensor with a low
impedance path to GND (see Figure 6).
Figure 6: Connection for Supply Decoupling
In general, the MagAlpha works well with or
without the exposed pad connected to anything.
For optimum conditions (electrically, thermally,
and mechanically), it is recommended that the
exposed pad be connected to ground.
Serial Interface
The sensor supports the SPI serial interface for
angle
reading
and
register
programming.
Alternatively, the SSI bus can be used for angle
reading (programming
through SSI
is not
supported).
SPI
SPI
is
a
4-wire,
synchronous,
serial
communication
interface.
The
MagAlpha
supports SPI Mode 3 and Mode 0 (see Table 1
and Table 2). The SPI Mode (0 or 3) is detected
automatically by the sensor and therefore does
not require any action from the user. The
maximum clock rate supported on SPI is
25MHz. There is no minimum clock rate. Note
that real-life data rates depend on the PCB
layout quality and signal trace length. See
Figure 7 and Table 3 for SPI timing.
All commands to the MagAlpha (whether for
writing or reading register content) must be
transferred through the SPI MOSI pin and must
be 16-bit long. See the SPI Communication
section on page 13 for details.
Table 1: SPI Specification
Mode 0
Mode 3
SCLK idle state
Low
High
Data capture
On SCLK rising edge
Data transmission
On SCLK falling edge
CS idle state
High
Data order
MSB first
Table 2: SPI Standard
Mode 0
Mode 3
CPOL
0
1
CPHA
0
1
Data Order (DORD)
0 (MSB first)
Exposed pad
MOSI
MISO
CS
SCLK
MA710
1 mF
3.3 V
SSD
SSCK
MGL MGH
A
B
Z
PWM
GND
VDD
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com