Electronic Components Datasheet Search
  English  ▼

X  

MP1540DJ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1540DJ
Description  1.3MHz, 18V Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1540DJ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1540DJ Datasheet HTML 1Page - Monolithic Power Systems MP1540DJ Datasheet HTML 2Page - Monolithic Power Systems MP1540DJ Datasheet HTML 3Page - Monolithic Power Systems MP1540DJ Datasheet HTML 4Page - Monolithic Power Systems MP1540DJ Datasheet HTML 5Page - Monolithic Power Systems MP1540DJ Datasheet HTML 6Page - Monolithic Power Systems MP1540DJ Datasheet HTML 7Page - Monolithic Power Systems MP1540DJ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP1540 – 1.3MHz, 18V STEP-UP CONVERTER
MP1540 Rev. 1.0
www.MonolithicPower.com
5
8/15/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
APPLICATIONS INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. Use 11.8k Ω f or the lo w-
side resist or R2 of
the voltage divider.
Determine the high-side resist or R1
by the
equation:
()
FB
FB
OUT
V
V
-
V
2
R
1
R
=
Where VOUT is the outp ut voltage and V FB is the
feedback voltage.
For R2 = 11.8kΩ and VFB = 1.25V, then
R1 (kΩ) = 9.44kΩ (VOUT – 1.25V).
Selecting the Input Capacitor
An input ca pacitor is re quired to su pply the AC
ripple current to the inductor, while limiting noise
at the input source. This capacitor must have low
ESR, so ceramic is the best choice.
Use an in put capacit or value of 4.7
µF or
greater. This capacit
or must be placed
physically close to the I N pin . Since it redu ces
the voltage ripple seen at IN, it also reduces the
amount of EMI pa ssed back alo ng that line to
the other circuitry.
Selecting the Output Capacitor
A single 4 .7µF to 10 µF ceramic capacitor
usually provides sufficient output capacitan
ce
for most application s. If larger
amounts of
capacitance are desired for improved line
support an d transient response, tantalum
capacitors can be used in parallel with the
ceramic. The impedance of the ceramic capacitor
at the switching frequency is domin ated by the
capacitance, and so the output voltage ripple is
mostly inde pendent of the ESR. T he outpu t
voltage ripple VRIPPLE is calculated as:
(
)
SW
UT
O
IN
UT
O
LOAD
RIPPLE
f
2
C
V
V
V
I
V
×
×
−
=
Where VIN is the input voltage, ILOAD is the loa d
current, C2 is the ca
pacitance of the output
capacitor, a nd f SW is the 1.3MHz switch
ing
frequency.
Selecting the Inductor
The inducto r is re quired to force
the output
voltage higher while being driven by the lower
input voltage. Choose a n inductor that does not
saturate at the SW current limit. A good rule for
determining the inductance is to allow the peak-
to-peak ripple current to be appro ximately 30%-
50% of the maximum in put current. Make sure
that the peak inductor current is below 75% of
the typical current limit at the duty cycle used to
prevent loss of regulat ion due to
the current
limit variation.
Calculate the required inductance value L using
the equations:
I
f
V
)
V
-
(V
V
L
SW
OUT
IN
OUT
IN
∆
×
×
=
η
×
×
=
IN
)
MAX
(
LOAD
OUT
)
MAX
(
IN
V
I
V
I
(
)
)
MAX
(
IN
I
%
50
%
30
I
−
=
∆
Where ILOAD(MAX) is the maximum load current, ∆I
is the peak-to-peak inductor ripple current and η
is ef ficiency. For t he MP15 40, 4. 7µH is
recommended fo r in put vo ltages less than 3. 3V
and 10µH for inputs greater than 3.3V.
Selecting the Diode
The output rectifier diode supplies current to the
inductor when the internal MOSFET is off. To
reduce losses due to diode forward voltage and
recovery time, use a Schottky diode. Choose a
diode whose maximum reverse voltage rating is
greater than the maximum output voltage. It is
recommended to choose the MBR0520 for most
applications. This diode is used for load currents
less than 500mA. If the average current is more
than 500mA the Microsemi UPS5817 is a good
choice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com