Electronic Components Datasheet Search
  English  ▼

X  

AMC1301 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC1301
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC1301 Datasheet HTML 16Page - Texas Instruments AMC1301 Datasheet HTML 17Page - Texas Instruments AMC1301 Datasheet HTML 18Page - Texas Instruments AMC1301 Datasheet HTML 19Page - Texas Instruments AMC1301 Datasheet HTML 20Page - Texas Instruments AMC1301 Datasheet HTML 21Page - Texas Instruments AMC1301 Datasheet HTML 22Page - Texas Instruments AMC1301 Datasheet HTML 23Page - Texas Instruments AMC1301 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
7.3.2 Isolation Channel Signal Transmission
The AMC1301 uses an on-off keying (OOK) modulation scheme, as shown in Figure 7-1, to transmit the
modulator output bitstream across the SiO2-based isolation barrier. The transmit driver (TX) shown in the
Functional Block Diagram transmits an internally generated, high-frequency carrier across the isolation barrier
to represent a digital one and does not send a signal to represent a digital zero. The nominal frequency of the
carrier used inside the AMC1301 is 480 MHz.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides
the input to the fourth-order analog filter. The AMC1301 transmission channel is optimized to achieve the
highest level of common-mode transient immunity (CMTI) and lowest level of radiated emissions caused by the
high-frequency carrier and RX/TX buffer switching.
Modulator Bitstream
on High-side
Internal Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 7-1. OOK-Based Modulation Scheme
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com