Electronic Components Datasheet Search
  English  ▼

X  

AMC7836 Datasheet(PDF) 28 Page - Texas Instruments

Part # AMC7836
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC7836 Datasheet HTML 24Page - Texas Instruments AMC7836 Datasheet HTML 25Page - Texas Instruments AMC7836 Datasheet HTML 26Page - Texas Instruments AMC7836 Datasheet HTML 27Page - Texas Instruments AMC7836 Datasheet HTML 28Page - Texas Instruments AMC7836 Datasheet HTML 29Page - Texas Instruments AMC7836 Datasheet HTML 30Page - Texas Instruments AMC7836 Datasheet HTML 31Page - Texas Instruments AMC7836 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
-12
-10
-8
-6
-4
-2
0
-12.5
-10
-7.5
-5
-2.5
0
AV
SS (V)
C020
28
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 50. DAC Clamp Output vs AVSS
A special distinction must be made for DAC group A as the AVSS pin of this group is the dual-function AVEE pin.
Aside from setting the clamp voltage and default output range for the DAC group A, the AVEE pin is also the
lowest potential in the device. As a consequence the AVEE voltage is dependent on the other AVSS pin
connections. The AVEE pin can only be connected to the analog ground if all the other AVSS pins are also
connected to the analog ground. If any of the AVSS pins is connected to a negative voltage, the AVEE pin must
also be connected to that voltage (see Table 1).
The full-scale output range for each DAC group is limited by the corresponding AVCC and AVSS values. The
maximum and minimum outputs cannot exceed the AVCC voltage or be lower than the AVSS voltage, respectively.
Table 1. Recommended DAC Group Configuration
DAC
GROUP
DAC
AUTO-RANGE
AND CLAMP
VOLTAGE
SELECTION
(AVSS)
AVEE = AGND
AVEE = VNEG
OUTPUT RANGE
CLAMP VOLTAGE
CONNECTION
OUTPUT RANGE
CLAMP VOLTAGE
CONNECTION
A
DAC_A0
AVEE
0 to 5 V or 0 to 10 V
AGND
–5 to 0 V or –10 to 0 V
VNEG
DAC_A1
DAC_A2
DAC_A3
B
DAC_B4
AVSSB
0 to 5 V or 0 to 10 V
AGND
–5 to 0 V or –10 to 0 V
VNEG ≤ AVSSB ≤ –5 V
DAC_B5
DAC_B6
0 to 5 V or 0 to 10 V
AGND
DAC_B7
C
DAC_C8
AVSSC
0 to 5 V or 0 to 10 V
AGND
–5 to 0 V or –10 to 0 V
VNEG ≤ AVSSC ≤ –5 V
DAC_C9
DAC_C10
0 to 5 V or 0 to 10 V
AGND
DAC_C11
D
DAC_D12
AVSSD
0 to 5 V or 0 to 10 V
AGND
–5 to 0 V or –10 to 0 V
VNEG ≤ AVSSD ≤ –5 V
DAC_D13
DAC_D14
0 to 5 V or 0 to 10 V
AGND
DAC_D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com