Electronic Components Datasheet Search
  English  ▼

X  

STA508 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 3 Page - STMicroelectronics

  STA508_V01 Datasheet HTML 1Page - STMicroelectronics STA508_V01 Datasheet HTML 2Page - STMicroelectronics STA508_V01 Datasheet HTML 3Page - STMicroelectronics STA508_V01 Datasheet HTML 4Page - STMicroelectronics STA508_V01 Datasheet HTML 5Page - STMicroelectronics STA508_V01 Datasheet HTML 6Page - STMicroelectronics STA508_V01 Datasheet HTML 7Page - STMicroelectronics STA508_V01 Datasheet HTML 8Page - STMicroelectronics STA508_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2
Pin configuration
Figure 2. Pin connection (top view)
GND-SUB
OUT2B
OUT2B
VCC2B
GND1B
VCC1A
GND1A
OUT1A
OUT1A
GND-Reg
VDD
VDD
CONFIG
VSS
VSS
VCCSign
VCCSign
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
N.C.
GND-Clean
OUT1B
VCC1B
OUT1B
PWRDN
FAULT
TRI-STATE
9
8
7
28
29
30
OUT2A
TH_WAR
10
27
GND2B
OUT2A
VCC2A
IN1A
IN2B
IN1B
14
12
11
23
25
26
GND2A
IN2A
13
24
VL
Table 1. Pin description
Pin N°
Name
Description
1
GND-SUB
Substrate ground
2, 3
OUT2B
Output half bridge 2B
4
VCC 2B
Positive supply
5
GND2B
Negative supply
6
GND2A
Negative supply
7
VCC 2A
Positive supply
8, 9
OUT2A
Output half bridge 2A
10, 11
OUT1B
Output half bridge 1B
12
VCC 1B
Positive supply
13
GND1B
Negative supply
14
GND1A
Negative supply
15
VCC 1A
Positive supply
16, 17
OUT1A
Output half bridge 1A
18
NC
Not connected
19
GND-clean
Logical ground
20
GND-Reg
Ground for regulator Vdd
STA508
Pin configuration
DS3503 - Rev 6
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19