Electronic Components Datasheet Search
  English  ▼

X  

STA510FTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA510FTR
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510FTR Datasheet(HTML) 4 Page - STMicroelectronics

  STA510FTR Datasheet HTML 1Page - STMicroelectronics STA510FTR Datasheet HTML 2Page - STMicroelectronics STA510FTR Datasheet HTML 3Page - STMicroelectronics STA510FTR Datasheet HTML 4Page - STMicroelectronics STA510FTR Datasheet HTML 5Page - STMicroelectronics STA510FTR Datasheet HTML 6Page - STMicroelectronics STA510FTR Datasheet HTML 7Page - STMicroelectronics STA510FTR Datasheet HTML 8Page - STMicroelectronics STA510FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pin description
STA510F
4/26
DocID014268 Rev 5
2
Pin description
Figure 2. Pin connections (top view)
Table 2. Pin list
Pin
Name
Description
1
GND-SUB
Substrate ground
2, 3
OUT2B
Output half-bridge 2B
4
Vcc2B
Positive supply
5
GND2B
Negative supply
6
GND2A
Negative supply
7
Vcc2A
Positive supply
8, 9
OUT2A
Output half-bridge 2A
10, 11
OUT1B
Output half-bridge 1B
12
Vcc1B
Positive supply
13
GND1B
Negative supply
14
GND1A
Negative supply
15
Vcc1A
Positive supply
16, 17
OUT1A
Output half-bridge 1A
18
NC
Not connected
GND-SUB
OUT2B
OUT2B
VCC2B
GND1B
VCC1A
GND1A
OUT1A
OUT1A
GND-Reg
VDD
VDD
CONFIG
VL
VSS
VSS
VCCSign
VCCSign
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
N.C.
GND-Clean
OUT1B
VCC1B
OUT1B
PWRDN
FAULT
TRI-STATE
9
8
7
28
29
30
OUT2A
TH_WAR
10
27
GND2B
OUT2A
VCC2A
IN1A
IN2B
IN1B
14
12
11
23
25
26
GND2A
IN2A
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com