Electronic Components Datasheet Search
  English  ▼

X  

STA529 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA529
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 5Page - STMicroelectronics STA529 Datasheet HTML 6Page - STMicroelectronics STA529 Datasheet HTML 7Page - STMicroelectronics STA529 Datasheet HTML 8Page - STMicroelectronics STA529 Datasheet HTML 9Page - STMicroelectronics STA529 Datasheet HTML 10Page - STMicroelectronics STA529 Datasheet HTML 11Page - STMicroelectronics STA529 Datasheet HTML 12Page - STMicroelectronics STA529 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
STA529
Connection diagrams and pin descriptions
Doc ID 13095 Rev 3
9/57
B5
OUT1B
Analog output
Channel 1 half-bridge B output
B6
OUT1A
Analog output
Channel 1 half-bridge A output
B7
MUTE
Digital input
Mute (active high)
B8
GND
Ground
Digital ground
C1
VDDIO
Supply
I/O ring supply
C2
VCC33
Supply
Pre-driver supply
C7
CLKOUT /
PWM2B
Digital output
Buffered clock output / PWM2B FFX
C8
VDD
Supply
Digital supply
D1
XTI
Digital input
1.8V
Crystal input or master clock input
D2
XTO
Digital output
1.8V
Crystal output
D7
RST_N
Digital input
Reset (active low)
D8
VCM
Analog I/O
ADC common mode voltage
E1
MCLK33
Digital input
Master clock input 3.3-V capable
E2
SDATAI
Digital input
Input serial audio interface data
E7
VLO
Analog input
ADC low reference voltage
E8
AGND
Ground
ADC analog ground
F1
SCL
Digital input
I2C serial clock
F2
POWERFAULT /
EAPD
Digital output
Power fault signal (active high) /
external audio power-down signal
F7
VHI
Analog input
ADC high reference voltage
F8
AVDD
Supply
ADC analog supply
G1
SDA
Digital I/O
I2C serial data
G2
I2CDIS
Digital input
I2C disable pin (active high)
G3
SELCLK33
Digital input
Master clock input selector:
0: XTI selected
1: MCLK33 selected
G4
SDATAO /
PWM2A
Digital output
Output serial audio interface data / PWM2A FFX
G5
LRCLKO /
PWM1B
Digital I/O
Output serial audio interface L/R-clock
(volume increases when I2CDIS = 1) / PWM1B FFX
G6
BICLKO /
PWM1A
Digital I/O
Output serial audio interface bit-clock
(volume decreases when I2CDIS = 1) / PWM1A FFX
G7
VBIAS
Analog I/O
ADC microphone bias voltage
G8
STBY
Digital input
Standby (active high)
H1
FILT
Analog I/O
PLL loop filter terminal
Table 2.
Pin description for TFBGA48 (continued)
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com