Electronic Components Datasheet Search
  English  ▼

X  

TDA7266M Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7266M
Description  7W MONO BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266M Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7266M Datasheet HTML 1Page - STMicroelectronics TDA7266M Datasheet HTML 2Page - STMicroelectronics TDA7266M Datasheet HTML 3Page - STMicroelectronics TDA7266M Datasheet HTML 4Page - STMicroelectronics TDA7266M Datasheet HTML 5Page - STMicroelectronics TDA7266M Datasheet HTML 6Page - STMicroelectronics TDA7266M Datasheet HTML 7Page - STMicroelectronics TDA7266M Datasheet HTML 8Page - STMicroelectronics TDA7266M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
0.010
0.1
1
10
0.1
1
10
Vcc = 11 V
Rl = 8 ohm
f = 15 KHz
f = 5 KHz
f = 1 KHz
Pout (W)
THD (%)
Figure 4: Distortion vs Output Power
0.010
0.1
1
10
0.1
1
10
THD(%)
Vcc = 9V
Rl= 8 ohm
f = 15KHz
f = 5 KHz
f = 1KHz
Pout (W)
Figure 5: Distortion vs Output Power
0.010
0.1
1
10
100
1k
10k
20k
THD(%)
Vcc = 11 V
Rl = 8 ohm
Pout = 100mW
Pout = 2W
frequency (Hz)
Figure 6: Distortion vs Frequency
-5.000
-4.000
-3.000
-2.000
-1.000
0.0
1.0000
2.0000
3.0000
4.0000
5.0000
10
100
1k
10k
100k
Level(dBr)
Vcc = 11V
Rl = 8 ohm
Pout = 1W
frequency (Hz)
Figure 7: Gain vs Frequency
0.0
2.0000
4.0000
6.0000
8.0000
10.000
12.000
14.000
16.000
18.000
20.000
2.000
4.000
6.000
8.000
10.00
12.00
14.00
16.00
18.00
Po(W )
Vs(V)
d = 10%
d = 1%
Rl = 8 ohm
f = 1KHz
Figure 8: Output Power vs. Supply Voltage
00.511.522.533.544.555.566.577.5 8
0
0.5
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
60
70
80
Pd (W)
µ(%)
Pout(W)
Vcc = 11V
Rl = 8ohm
f = 1KHz
Pd
µ
Figure 9: Total Power Dissipation & Efficiency
vs. Output Power
TDA7266M
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com