Electronic Components Datasheet Search
  English  ▼

X  

TDA7293 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7293
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7293_V01 Datasheet HTML 3Page - STMicroelectronics TDA7293_V01 Datasheet HTML 4Page - STMicroelectronics TDA7293_V01 Datasheet HTML 5Page - STMicroelectronics TDA7293_V01 Datasheet HTML 6Page - STMicroelectronics TDA7293_V01 Datasheet HTML 7Page - STMicroelectronics TDA7293_V01 Datasheet HTML 8Page - STMicroelectronics TDA7293_V01 Datasheet HTML 9Page - STMicroelectronics TDA7293_V01 Datasheet HTML 10Page - STMicroelectronics TDA7293_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TDA7293
Circuit description
Doc ID 6744 Rev 8
7/21
3
Circuit description
In consumer electronics, an increasing demand has arisen for very high power monolithic
audio amplifiers able to match, with a low cost, the performance obtained from the best
discrete designs.
The task of realizing this linear integrated circuit in conventional bipolar technology is made
extremely difficult by the occurence of 2nd breakdown phoenomenon. It limits the safe
operating area (SOA) of the power devices, and, as a consequence, the maximum
attainable output power, especially in presence of highly reactive loads.
Moreover, full exploitation of the SOA translates into a substantial increase in circuit and
layout complexity due to the need of sophisticated protection circuits.
To overcome these substantial drawbacks, the use of power MOS devices, which are
immune from secondary breakdown is highly desirable.
The device described has therefore been developed in a mixed bipolar-MOS high voltage
technology called BCDII 100/120.
3.1
Output Stage
The main design task in developping a power operational amplifier, independently of the
technology used, is that of realization of the output stage.
The solution shown as a principle shematic by Fig6 represents the DMOS unity - gain output
buffer of the TDA7293.
Figure 4.
Schematic of a DMOS unity-gain buffer
This large-signal, high-power buffer must be capable of handling extremely high current and
voltage levels while maintaining acceptably low harmonic distortion and good behaviour
over frequency response; moreover, an accurate control of quiescent current is required.
A local linearizing feedback, provided by differential amplifier A, is used to fullfil the above
requirements, allowing a simple and effective quiescent current setting. Proper biasing of
the power output transistors alone is however not enough to guarantee the absence of
crossover distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com