Electronic Components Datasheet Search
  English  ▼

X  

TDA7492PE Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7492PE
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7492PE Datasheet HTML 1Page - STMicroelectronics TDA7492PE Datasheet HTML 2Page - STMicroelectronics TDA7492PE Datasheet HTML 3Page - STMicroelectronics TDA7492PE Datasheet HTML 4Page - STMicroelectronics TDA7492PE Datasheet HTML 5Page - STMicroelectronics TDA7492PE Datasheet HTML 6Page - STMicroelectronics TDA7492PE Datasheet HTML 7Page - STMicroelectronics TDA7492PE Datasheet HTML 8Page - STMicroelectronics TDA7492PE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PowerSSO36
with exposed pad down
Features
•
Wide-range single-supply operation
(7 - 26 V)
•
Possible output configurations:
–
2 x PBTL
–
1 x Parallel BTL
•
BTL output capabilities (VCC = 22 V):
–
44 W + 44 W, 4 Ω, THD 1%
–
57 W + 57 W, 4 Ω, THD 10%
–
32 W + 32 W, 6 Ω, THD 1%
–
41 W + 41 W, 6 Ω, THD 10%
–
25 W + 25 W, 8 Ω, THD 1%
–
32 W + 32 W, 8 Ω, THD 10%
•
Parallel BTL output capabilities (VCC = 22 V):
–
70 W, 3 Ω, THD 1%
–
90 W, 3 Ω, THD 10%
•
High efficiency
•
Four selectable, fixed-gain settings of nominally 20.8 dB, 26.8 dB, 30 dB and
32.8 dB
•
Differential inputs minimize common-mode noise
•
Standby, mute and play operating modes
•
Short-circuit protection
•
Output power limited by PLIMIT function
•
Detection of shorted output pins during startup
•
Thermal overload protection
•
ECOPACK® environmentally friendly package
Description
The TDA7492PE is a dual BTL class-D audio amplifier with single power supply
designed for home audio applications.
The device is housed in a 36-pin PowerSSO package with exposed pad down (EPD)
to facilitate power dissipation through a properly designed PCB area underneath the
TDA7492PE.
Product status
TDA7492PE
Product summary
Order code
TDA7492PETR
Temperature
range
-40 to +85 °C
Package
PowerSSO-36 EPD
Packing
Tape and reel
45 W + 45 W dual BTL class-D audio amplifier
TDA7492PE
Datasheet
DS10652 - Rev 3 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7492PE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
TDA7492PETR STMICROELECTRONICS-TDA7492PETR Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results

Similar Description - TDA7492PE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
Four-Channel 45 W BTL Car Audio Power Amplifier
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
STMicroelectronics
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
logo
Toshiba Semiconductor
TB2926HQ TOSHIBA-TB2926HQ Datasheet
333Kb / 18P
45 W × 4-ch BTL Audio Power IC
2006-11-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com