Electronic Components Datasheet Search
  English  ▼

X  

MS4515 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # MS4515
Description  MS4515
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS4515 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  MS4515 Datasheet HTML 1Page - TE Connectivity Ltd MS4515 Datasheet HTML 2Page - TE Connectivity Ltd MS4515 Datasheet HTML 3Page - TE Connectivity Ltd MS4515 Datasheet HTML 4Page - TE Connectivity Ltd MS4515 Datasheet HTML 5Page - TE Connectivity Ltd MS4515 Datasheet HTML 6Page - TE Connectivity Ltd MS4515 Datasheet HTML 7Page - TE Connectivity Ltd MS4515 Datasheet HTML 8Page - TE Connectivity Ltd MS4515 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MS4515
SENSOR SOLUTIONS /// MS4515
04/2019
Page 4
PERFORMANCE SPECIFICATIONS
Supply Voltage1: 5.0V or 3.3 VDC
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Output
0.500
4.500
V
1,2,3
0.250
4.75
V
Accuracy
-0.25
0.25
%Span
2
Total Error Band (TEB)
-1.0
1.0
%Span
3,5
TEB (4inH2O and Below)
-2.0
2.0
%Span
3,5
Supply Current
3
mA
5
Compensated Temperature
0
+60
ºC
4
Operating Temperature
-10
+85
ºC
Response Time
1
ms
5
Start time to data ready
6
ms
Weight
3
grams
Media
Non-Corrosive Dry Gases Compatible with Ceramic, Silicon,
Borosilicate Glass
, RTV, Gold, Aluminum and Epoxy. See “Wetted
Material by Port Designation” chart below.
Notes
1. Proper operation requires an external capacitor placed as shown in Connection Diagram. Output is ratiometric to supply voltage
variations of less than 10%.
2. Accuracy: The maximum deviation from a best fit straight line (BFSL) fitted to the output measured over the pressure range at 25°C.
Includes all errors due to pressure non linearity, hysteresis, and non-repeatability.
3. Total error band includes all accuracy errors, thermal errors over the compensated temperature range, and span and offset calibration
tolerances. For ideal sensor output with respect to input pressure, reference Pressure Transfer Function charts below. TEB values are
valid only at the calibrated supply voltage.
4. For errors beyond the compensated temperature range, see Extended Temperature Multiplier chart below.
5. This product can be configured for custom OEM requirements, contact factory for lower power consumption or higher accuracy.
CONNECTION DIAGRAM
Notes
1.
Place 100nF capacitor between Supply and GND to within 2 cm of sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com