Electronic Components Datasheet Search
  English  ▼

X  

SBC326 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # SBC326
Description  4th Generation Intel® Core™ i7 Based Rugged 3U VPX Single Board Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SBC326 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  SBC326 Datasheet HTML 1Page - Elma Electronic Ltd SBC326 Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06.13 GFA-1954
GE Intelligent Platforms Contact Information
Americas:
1 800 433 2682 or 1 434 978 5100
Global regional phone numbers are listed by location on our web site at
defense.ge-ip.com/contact
defense.ge-ip.com
©2013 GE Intelligent Platforms, Inc. All rights reserved. All other brands or names are property
of their respective holders. Specifications are subject to change without notice.
About GE Intelligent Platforms
GE Intelligent Platforms is a division of GE that offers software, control systems, services, and expertise
in automation and embedded computing. We offer a unique foundation of agile and reliable technology
providing customers a sustainable competitive advantage in the industries they serve, including energy,
water, consumer packaged goods, oil and gas, government and defense, and telecommunications. GE
Intelligent Platforms is headquartered in Charlottesville, VA. For more information, visit www.ge-ip.com.
4th Generation Intel® Core™ i7 Based Rugged 3U VPX Single Board Computer
Specifications
Processor
• Intel 4th Generation Core i7 Processor
• i7-4700EQ (Quad Core) @ 2.4 GHz (47W) base
frequency, up to 3.4 GHz TurboBoost
(Note: CPU speed is dependent on environment,
consult manual for details)
• 22 nm monolithic die processing technology
• 6 MB Last Level Cache
SDRAM
• Up to 16 GB DDR3 SDRAM soldered with ECC
Non-Volatile RAM
• 512 kB FRAM
On Board Solid State Disk Drive (SSD)
• Up to 32 GB
BIOS
• 2x 16 MB SPI Flash for BIT and BIOS plus 1x 16 MB SPI
Flash for Recovery
Data Plane / Expansion plane
• 8 lanes of Gen-3 capable PCI-Express to P1, can be
configured as one x8 or two x4 ports
• PCIe REFCLK can be driven or received
Control Plane (Gig Ethernet)
• ETH0 is driven from QM87 (VPRO compliant) to P1 and
is always configured as 1000BaseT
• ETH1 and ETH2 are routed to P1 and are configured
as 1000BaseBX by default. Optionally ETH1 can be
configured as 1000BaseT and ETH2 is then unused.
Management Plane
• Baseboard Management Controller (BMM) in
accordance with VITA 46.11
USB Ports
• Two USB 2.0 ports (USB0, USB1) are routed to P1
connector and are available on all variants.
• One additional USB 3.0 port (USB2) is routed to P2
but shares pins with XMCIO – so is only available on
selected variants
Serial Ports
• Two 165C50 compatible async serial ports are
available on P1 and P2
• COM1 is 2-wire RS-232 port
• COM2 shares pins with GPIO lines and can be
configured as a 2-wire RS-232 port, a 4-wire RS-
232/422 port or as not present
XMC Site
• x8 PCIe Gen 3 capable
• Tracked as P2w1-X24s+X8d+X12d in accordance
with VITA 46.9
• X12d is always available
• X8d shares pins with DVI2
• X24s shares pins with SATA1, SATA2 and USB2
Audio
• High Definition Audio Controller and Codec
• Stereo line in and stereo line out
• Available as an option in place of ETH0
Video
• One DVI / HDMI port (DVI0) routed to P2
• One additional DVI / HDMI port (DVI1) is routed to P2
but shares pins with XMCIO – so is only available on
selected variants
SATA
• One SATA ports (SATA0) always available on P1
• Two additional SATA ports (SATA1, SATA2) are routed
to P2 but shares pins with XMCIO – so is only available
on selected variants
• All three ports are SATA6 Gb/s capable
Block Diagram
Environmental
Level 1
Level 2
Level 3
Level 4
Level 5
Cooling Method
Convection
Convection
Convection
Conduction
Conduction
Conformal Coating
Optional
Standard
Standard
Standard
Standard
High/Low Temp
0 to 55°C
-20 to +65°C
-40 to +75°C
-40 to +75°C
-40 to +85°C
Operational
(300 ft/m)
(300 ft/m)
(600 ft/m)
At cold wall
At cold wall
Random Vibration
0.002g2/Hz*
0.002g2/Hz*
0.04g2/Hz**
0.1g2/Hz**
0.1g2/Hz**
Shock
20g***
20g***
20g***
40g***
40g***
**With a flat response to 1000 Hz, 6 dB/Oct roll-off from 1000 to 2000 Hz ** From 10 to 1000 Hz ***Peak sawtooth 11 ms duration
Note: Processor performance and temperature are inter-dependent. For a given temperature, a maximum speed is achievable, and conversely for a
given processor speed a maximum temperature is achievable. Consult the product manual for details.
GPIO
• Up to 6 GPIO pins (5V Tolerant) all of which share pins
with other functions – so number is dependent of vari-
ant selected
LED
• 3x status LEDs and four BIT status
Power Requirements
• +5V (Vs3) and +3.3V (Vs2) for main power
• +3.3V for P3V3_AUX is required
• +/-12V AUX only required for mezzanines
OpenVPX Profile Compatibility
• MOD3-PAY-2F2T-16.2.5-3
(Board configured for 2x 1000BaseT ports)
• MOD3-PAY-2F2U-16.2.3-3
(Board configured for 2x 1000BaseBX ports)
Watchdog/ Timers/ TPM / ETI
• Software programmable watchdog
• Timers in PCH (SW programmable)
• TPM (Trusted Platform Monitor)
• ETI (Elapsed Time Indicator)
Temperature Sensor
• PCB, CPU and PCIe Switch temperature sensors
Other HW Feature
• Hardware Write Protection
Transition Module
s
• VPX3UX301
(3U high RTM for use with OpenVPX backplanes)
• VPX3UX601
(6U high for use in SCVPX3U starter cage)
GPIO
COM 1
SM - BUS
COM 2
x4 PCIe
1x 1000BaseT
1x USB
2x SATA
1x DVI
x8 PCle
SATA
SPI
DMI
FDI
x8 PCle
Or Audio
1x 1000BaseT or
2x 1000BaseBX
1x COM 2
Up to 6 GPlO
1x USB
2x SATA
1x DVI
XMC IO
2x USB
SATA
COM 1
DVI
x4 PCIe
P0
P1
P2
QM87
XMC Site
UEFI
FLASH
DDR3
DDR3
MRAM
TPM
BMM
Audio Codec
Gig E PHY
2x Gig E
MAC / PHY
Build
Option
ETI
x24
PCle
Switch
CPLD /
FPGA
NAND
FLASH
Build
Options
4th Generation
Core i7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com