Electronic Components Datasheet Search
  English  ▼

X  

15033 Datasheet(PDF) 1 Page - Santronics Inc

Part # 15033
Description  Metal-Out Static Shielding Bag 1500
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

15033 Datasheet(HTML) 1 Page - Santronics Inc

  15033 Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This transparent metal-out static shielding bag is designed to provide static safe
packaging for the shipment and/or storage of ESD sensitive items including outside
ESD protected areas. Bags are printed with an ESD protective symbol and a lot code
for traceability. Open Top and ZipTop styles are available. The bags are heat sealable.
SCS Metal-Out Static Shielding Bags 1500 are manufactured from a top coated
metallized polyester and polyethylene laminate. The proprietary top coating is designed
to protect the metal layer and quickly discharge any electrical field. Polyester dielectric,
in concert with the metal layer, provides shielding for the bag contents from Electrostatic
Discharge (ESD) and helps minimize the penetration of an electrical field.
DRAWING
NUMBER
1500 Series
DATE
October
2017
© 2017 DESCO INDUSTRIES INC.
Employee Owned
1500 SERIES METAL-OUT STATIC SHIELDING BAG
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Metal-Out Static Shielding Bag 1500
This product is intended for commercial use only. This product is not on
the Qualified Product Listing under the Defense Standardization Program.
Tolerance: Width -0, +1/4"
Length +/- 1/8" Offset 0 to 1/4"
Seal width 3/8" with a tolerance of +/- 1/8"
Open Top Bag
ZipTop Bag
Tolerance (inches): Width -0, +0.250 Length +/- 0.125 Offset O to 0.250
Seal width +/- 0.125
Open Top Bag
ZipTop Bag
Specifications and procedures subject to change without notice.
Physical
Typical Value
Testing Method
Puncture Resistance
10 lbs, 44 N
MIL-STD-3010 Method
2065
Seal Strength
14 lbs, 62 N
ASTM D882
Thickness
3 mils, .0762 mm +/-10%
MIL-STD-3010 Test Method
1003 Method B
Marking Adhesion
Pass
IPC-TM-650 2.4.1
Transparency
40%
Tobias
Electrical
Typical Value
Testing Method
Discharge Shielding
<10 nJ
ANSI/ESD STM11.31
Surface Resistance -
Interior
1 x 104 to < 1 x 1011 ohms
ANSI/ESD STM11.11
Surface Resistance -
Exterior
1 x 104 to < 1 x 106 ohms
ANSI/ESD STM11.11
Charge Retention
<100 volts
1410.515 Rev 2
Cleanliness
Typical Value
Testing Method
Silicone
Not Detected
ASTM-E168 (FTIR)
Heat Sealing Conditions Typical Value
Temperature
300ºF – 375°F, 149ºC – 190°C
Time
0.5 – 3.5 seconds
Pressure
30 – 70 PSI, 206 – 482 KPa
Meets ANSI/ESD S20.20, Packaging Standard ANSI/ESD S541, and
Static Control Bag ANSI/ESD S11.4 Level 3
Note: Standard bag markings shown
above and are not to scale.
Bag is free of amines, N-octanoic acid, silicones and heavy metals.
RoHS 3, REACH, and Conflict Minerals Statement
None of the RoHS 3 restricted materials or REACH substances of very high concern as
of 2017/07/07, or Conflict Minerals are intentionally added in manufacturing this product.
Ref: European Union Directive 2011/65/EU and Regulation (EC) No. 1907/2006/CE.
See SCS Warranty, Limitation of Liability and Remedies
Made in the
United States of America


Similar Part No. - 15033

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
15033 FESTO-15033 Datasheet
109Kb / 1P
Cartridge cylinder
logo
Littelfuse
150330 LITTELFUSE-150330 Datasheet
217Kb / 1P
In-Line Fuseholders For 1/4" x 1-1/4" (3AG/3AB) Fuses
2024
logo
PHOENIX CONTACT
1503302 PHOENIX-1503302 Datasheet
261Kb / 3P
Screw plug - PROT-M12 SH
1503302 PHOENIX-1503302 Datasheet
159Kb / 8P
Bus system flat-type plug
01/11/2017
logo
List of Unclassifed Man...
1503321000CB ETC2-1503321000CB Datasheet
172Kb / 4P
Flame Retardant Wrap and Fill Axial Leaded Capacitors
More results

Similar Description - 15033

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30058 3M-30058 Datasheet
67Kb / 2P
STATIC SHIELDING BAG, OPEN TOP AND ZIPTOP
logo
List of Unclassifed Man...
13080 ETC2-13080 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030 (.0762mm)
13506 ETC2-13506 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030 (.0762mm)
13090 ETC2-13090 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030" (.0762mm)
13305 ETC2-13305 Datasheet
144Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
13475 ETC2-13475 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13510 ETC2-13510 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
48514 ETC2-48514 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
48515 ETC2-48515 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
13285 ETC2-13285 Datasheet
170Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com