Electronic Components Datasheet Search
  English  ▼

X  

10ETS12SPBF Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # 10ETS12SPBF
Description  INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

10ETS12SPBF Datasheet(HTML) 4 Page - Interpoint Corporation Company

  10ETS12SPBF Datasheet HTML 1Page - Interpoint Corporation Company 10ETS12SPBF Datasheet HTML 2Page - Interpoint Corporation Company 10ETS12SPBF Datasheet HTML 3Page - Interpoint Corporation Company 10ETS12SPBF Datasheet HTML 4Page - Interpoint Corporation Company 10ETS12SPBF Datasheet HTML 5Page - Interpoint Corporation Company 10ETS12SPBF Datasheet HTML 6Page - Interpoint Corporation Company 10ETS12SPBF Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
10ETS12SPbF SAFE
IR Series
Bulletin I2206 03/05
www.irf.com
Fig. 9 - Thermal Impedance ZthJC Characteristics
Fig. 8 - Forward Voltage Drop Characteristics
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Steady State Value
(DC Operation)
10ETS.. Series
Single Pulse
1
10
100
00.5
11.522.5
3
T = 25°C
J
InstantaneousForward Voltage (V)
T = 150°C
J
10ETS.. Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com