Electronic Components Datasheet Search
  English  ▼

X  

70069080 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70069080
Description  Cable TV Connectors, Tools and Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70069080 Datasheet(HTML) 1 Page - Belden Inc.

  70069080 Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
/16 Hex
0.032
Dia.
3/8-32
THD
Fig. B
Cable Preparation Tool
Reliable and Effective Method to Prepare
59, 6, 7 and 11 Series Cables
Consistently Prepares Cable to Industry Standard
1/4"-1/4"
Compatible with Snap-N-Seal and Multi-Fit Products
Color-Coded Replacement Cable Preparation Modules
Ergonomic Design
Snap-N-Seal Connector Installation Tools
Non-Ratchet Installation Tools
Simply Seat the Connector and Connector Sleeve Into the Groove, Compress Tool and Connector Is Properly Installed
Multi-Fit “F” Series Crimp-On Drop Connectors
Universal Design Crimp-On Connectors for CATV Applications
Easily Installed on Standard Cable Sizes
Excellent Electrical Properties
One Step Industry Standard 1/4"-1/4" Cable Preparation Required
Heavy Duty, Anti-Corrosive Finish
“F” Series Plenum Crimp On Connectors
Snap-N-Seal® “F” Series Male Drop
Compression Connectors
Snap-N-Seal® Connector Advantages:
Over 14 Year Track Record of Reliability
Industry’s Lowest Compression Force Required for Installation
User-Friendly Installation Tools
Connectors’ Sleeves Are Color-Coded for Different Cable Sizes
Easy Connector Identification Before and After Installation
75 Ohm CATV Connectors Feature Industry Leading Compression Technology
Connection of Choice for Broadband Communications and Satellite Companies
For 7 Series and 11 Series CATV Cables
100% Waterproof — Superior Environmental Seal Prevents Any Moisture Migration Into the Connection
No Performance Degradation Over Time
True 360 Degree Compression Design that Ensures Superior Electrical Performance
Simple and Quick to Install
Snap-N-Seal Pocket Strip Tool
A pocket sized tool used to prepare RG59, RG6, RG7,
and RG11 coaxial cables.
Designed to Fit Easily in Your Hand and Pocket
Made of Medium Strength ABS Plastic with Carbon Tool Steel Blades
Housed Inside Each Tool End Cap
Cable Size Is Embossed on the Tool to Help Identify Which Blade to Use
Blade Modules Are Color Coded By Cable Size: Black = RG59, RG6; Gray =
RG7, RG11
RoHS
RoHS
It’s a Snap!
Snap-N-Seal® Connectors are the Easiest Connectors to Install Correctly.
Step 1: Cut the cable end square and position it in the CST596711 cable preparation tool. Rotate tool until cable jacket
removes easily.
Step 2: Position the connector on the cable. Post is flush at dielectric.
Step 3: Place connector in SNSUTL compression tool as shown.
Step 4: Squeeze handles of tool until sleeve is fully compressed — An audible snap can be heard when the connector is
properly inserted onto the cable.
SNS11AS
Fig. A
Snap-N-Seal Security Shield Installation Tools
CST596711
CST596596
SNSUTL
L3011B
AMF59
Cable TV Connectors, Tools and Accessories
Tools for Snap-N-Seal Connectors
70069082
SNSUTL
Installation Tool
59 and 6 Series Cables
68.56
65.71
70069050
L3011B
Installation Tool
7 and 11 Series Cables
88.81
82.79
Stock
No.
Mfr.’s
Type
Description
EACH
70069085
TBPST
Pocket Strip Tool for Coaxial Cable
10.94
Stock
No.
Mfr.’s
Type
Connector Type
Dim.
A
(In.)
Dim.
B
(In.)
EACH
1-4
5-9
70069083
SSTSNS
Snap-N-Seal Connectors for 59
7/16
1/2
23.30
22.33
70069084
SSTSNS11
Snap-N-Seal Connectors for 7
9/16
5/8
93.07
88.71
B
Hex
A
Hex
7/16 Hex
3/8 -32
THD
Stock
No.
Mfr.’s
Type
Description
Use On Cable Type
EACH
1-4
5-9
70069041
CST596711
Coax Stripping Tool
59, 6, 7, 11 Series
22.16
21.07
70069040
CST596596
Coax Stripping Tool
59 and 6 Series
23.46
21.87
70069055
RC596
Replacement Cartridge Black
59 and 6 Series
11.36
10.64
70069056
RC711
Replacement Cartridge Black
7 and 11 Series
15.46
14.47
Stock
No.
Mfr.’s
Type
Description
Post
ID
(In.)
Sleeve
ID
(In.)
Color
Pkg.
Qty.
PER PKG.
1-4
5-9
70069038
AMF59
For 59 Series Cables
0.154
0.309
Gold
100
28.09
26.92
70069039
AMF6
For 6 Series Cables
0.191
0.346
Gold
100
28.09
26.92
Stock
No.
Mfr.’s
Type
For Use On
Post
ID
(In.)
Sleeve
ID
(In.)
Sleeve
Color
EACH
1-4
5-9
70069079
SNS7B
Series 7 Cable
0.238
0.340
Black
6.91
6.39
70069080
SNS7BQ
Series 7 Quad Shielded Cable
0.238
0.355
Black
6.72
6.22
70069058
SNS11AS
Series 11 Cable
0.295
0.415
Black
6.29
5.81
2
2
COAXIAL/RF CONNECTORS
401
Stock
No.
Mfr.’s
Type
Fig.
Cable Size/Type
Post
ID
(In.)
Collar
ID
(In.)
Crimp
Size
(In.)
Pkg.
Qty.
PER PKG.
1-4
5-9
70069053
PL56CH
A
Series 6 Cable
0.199
0.250
0.324
100
51.93
48.41
70069051
PL11CS
B
Series 11 Cable
0.302
0.394
0.470
1
5.43
5.17
70069052
PL11QS
B
Series 11 Quad
Shielded Cable
0.302
0.413
0.470
36
3.02
2.82
401-2012:QuarkCatalogTempNew 8/22/12 9:50 AM Page 401


Similar Part No. - 70069080

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70069CH BELDEN-70069CH Datasheet
187Kb / 2P
2 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
70069CH.00500 BELDEN-70069CH.00500 Datasheet
187Kb / 2P
2 PAIR AES/EBU, 22AWG, ISTP, LSZH-C
12-19-2022
More results

Similar Description - 70069080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35502 ETC2-35502 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
35503 ETC2-35503 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
HC2911A ETC2-HC2911A Datasheet
92Kb / 1P
Tools and Accessories - RCA Right-Angle Connector
logo
PANDUIT CORP.
CJAST PANDUIT-CJAST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
logo
Glenair, Inc.
600-192 GLENAIR-600-192 Datasheet
274Kb / 1P
Accessories and Tools
601-108 GLENAIR-601-108 Datasheet
231Kb / 1P
Accessories and Tools
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
Connectors and Accessories
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
Connectors and Accessories
logo
PHOENIX CONTACT
1206337 PHOENIX-1206337 Datasheet
43Kb / 2P
Accessories for tools - PPS LEVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com