Electronic Components Datasheet Search
  English  ▼

X  

504-MFS Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # 504-MFS
Description  Standard, Soft Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

504-MFS Datasheet(HTML) 2 Page - NOSHOK, INC.

  504-MFS Datasheet HTML 1Page - NOSHOK, INC. 504-MFS Datasheet HTML 2Page - NOSHOK, INC. 504-MFS Datasheet HTML 3Page - NOSHOK, INC. 504-MFS Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
37
500
Series..............................500 soft seat
Connection size ..................1/2" NPT
Valve type.........Female-female, Steel
504 – FFC
EXAMPLE
To meet all of your specific application requirements, the following additional options are available for these needle valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 504-FFC-HL5)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
†
For 1/4", 3/8" and 1/2" NPT only.
* Other o-ring materials available on request.
** For 3/4" NPT to 1-1/2" NPT only.
Please note that the standard o-ring in all the NOSHOK valves is FKM and the standard handles are “T” handles (HL2).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle (HL2) on the 504-FFC
will be Steel. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
Series.............................................................500 soft seat
Connection size..................................................1/2" NPT
Valve type........................................ Female-female, Steel
Soft seat ...................................................................PEEK
Stem tip ......................................................... Non-rotating
O-ring..........................FFKM (Kalrez® 3018 or equivalent)
Panel mount.....................................Panel mount (2 nuts)
Handle .......................................................1-3/4" Phenolic
504 – FFC – PK1 – T1 – KZ1 – PM2 – HL5
EXAMPLE with Additional Options
ORDERING
INFORMATION
500
500 SERIES
SERIES
5 500 Series, soft seat
CONNECTION SIZES
02 1/4" NPT
04 1/2" NPT
08 1" NPT
12 1-1/2" NPT
03 3/8" NPT
06 3/4" NPT
10 1-1/4" NPT
0402 1/2" NPT male - 1/4" NPT female
VALVE TYPES
MFC Male-Female, Steel
MFS Male-Female, Stainless Steel
FFC Female-Female, Steel
FFS Female-Female, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
SOFT SEATS
PK1 PEEK
KF1 PCTFE
PACKING†
P1 PTFE
STEM TIP
T1 Non-rotating (316 Stainless)
O-RINGS*
EM1 EPDM
KZ1 FFKM (Kalrez® 3018 or equivalent)
NB1 NBR
PANEL MOUNTINGS
PM1 Panel mount (1 nut)
PM2 Panel mount (2 nuts)
HANDLES
HL4 1-3/8" Phenolic
HL5 1-3/4" Phenolic
HL9 2-3/8" Phenolic**
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com