Electronic Components Datasheet Search
  English  ▼

X  

PV0 Datasheet(PDF) 3 Page - E-SWITCH

Part # PV0
Description  PV0 Series Anti-vandal Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV0 Datasheet(HTML) 3 Page - E-SWITCH

  PV0 Datasheet HTML 1Page - E-SWITCH PV0 Datasheet HTML 2Page - E-SWITCH PV0 Datasheet HTML 3Page - E-SWITCH PV0 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-switch.com
800.867.2717
3
PV0 SerieS aNti-VaNdal SwitCh
Dot illumination
lED SchEmatic
PanEl cutout
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET OF
REV
PCR NO
DESCRIPTION
DATE
BY
2:1
1/29/2016
PV0 High Dot Illuminated Assembly
PA
rc
1
1
RECOMMENDED
PANEL CUT-OUT
1-6mm THICKNESS
1
2
+
+
-
2
14.00
[.551 in]
9.00
[.354 in]
1.50
[.059 in]
1.50
[.059 in]
18.0
[.709 in]
2.00
[.079 in]
M12 x 0.75
THREAD
12.00
- .00
.20
+
.472 -.000
.008
+
in
[]
ILLUMINATED
DOT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NOS. FOR REF. ONLY
4. FUNCTION: SPST
5. RATING: 2A @ 48VDC
6. CONTACT RESISTANCE: 50mΩ MAX. @ 1A 12VDC
7. INSULATION RESISTANCE: 1,000MΩ @ 500VDC
8. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
9. ELECTRICAL LIFE: 200,000 CYCLES
10. CONTACT MATERIAL: SILVER
11. OPERATING TEMPERATURE: -20°C TO 55°C
12. INGRESS PROTECTION: IP65
13. LED VOLTAGE: xxxxx
14. LED COLOR: xxxxx
15. DENOTES CRITICAL PARAMETER
16. 2011/65/EU (ROHS) COMPLIANT
17. HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
3.10
[.122 in]
1
2
CIRCUIT: SPDT
+
+
-
-
+-
TERMINAL
1
TERMINAL
2
TERMINAL
+
TERMINAL
-
19.0
[.748 in]
6.50
[.256 in]
7.30
[.287 in]
.50
[.020 in]
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET OF
REV
PCR NO
DESCRIPTION
DATE
BY
2:1
1/29/2016
PV0 High Dot Illuminated Assembly
PA
rc
1
1
RECOMMENDED
PANEL CUT-OUT
1-6mm THICKNESS
1
2
+
+
-
2
14.00
[.551 in]
9.00
[.354 in]
1.50
[.059 in]
1.50
[.059 in]
18.0
[.709 in]
2.00
[.079 in]
M12 x 0.75
THREAD
12.00
- .00
.20
+
.472 -.000
.008
+
in
[]
ILLUMINATED
DOT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NOS. FOR REF. ONLY
4. FUNCTION: SPST
5. RATING: 2A @ 48VDC
6. CONTACT RESISTANCE: 50mΩ MAX. @ 1A 12VDC
7. INSULATION RESISTANCE: 1,000MΩ @ 500VDC
8. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
9. ELECTRICAL LIFE: 200,000 CYCLES
10. CONTACT MATERIAL: SILVER
11. OPERATING TEMPERATURE: -20°C TO 55°C
12. INGRESS PROTECTION: IP65
13. LED VOLTAGE: xxxxx
14. LED COLOR: xxxxx
15. DENOTES CRITICAL PARAMETER
16. 2011/65/EU (ROHS) COMPLIANT
17. HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
3.10
[.122 in]
1
2
CIRCUIT: SPDT
+
+
-
-
+-
TERMINAL
1
TERMINAL
2
TERMINAL
+
TERMINAL
-
19.0
[.748 in]
6.50
[.256 in]
7.30
[.287 in]
.50
[.020 in]
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET OF
REV
PCR NO
DESCRIPTION
DATE
BY
2:1
1/29/2016
PV0 High Dot Illuminated Assembly
PA
rc
1
1
RECOMMENDED
PANEL CUT-OUT
1-6mm THICKNESS
1
2
+
+
-
2
14.00
[.551 in]
9.00
[.354 in]
1.50
[.059 in]
1.50
[.059 in]
18.0
[.709 in]
2.00
[.079 in]
M12 x 0.75
THREAD
12.00
- .00
.20
+
.472 -.000
.008
+
in
[]
ILLUMINATED
DOT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NOS. FOR REF. ONLY
4. FUNCTION: SPST
5. RATING: 2A @ 48VDC
6. CONTACT RESISTANCE: 50mΩ MAX. @ 1A 12VDC
7. INSULATION RESISTANCE: 1,000MΩ @ 500VDC
8. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
9. ELECTRICAL LIFE: 200,000 CYCLES
10. CONTACT MATERIAL: SILVER
11. OPERATING TEMPERATURE: -20°C TO 55°C
12. INGRESS PROTECTION: IP65
13. LED VOLTAGE: xxxxx
14. LED COLOR: xxxxx
15. DENOTES CRITICAL PARAMETER
16. 2011/65/EU (ROHS) COMPLIANT
17. HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
3.10
[.122 in]
1
2
CIRCUIT: SPDT
+
+
-
-
+-
TERMINAL
1
TERMINAL
2
TERMINAL
+
TERMINAL
-
19.0
[.748 in]
6.50
[.256 in]
7.30
[.287 in]
.50
[.020 in]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com