Electronic Components Datasheet Search
  English  ▼

X  

BUF634 Datasheet(PDF) 2 Page - Texas Instruments

Part # BUF634
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF634 Datasheet(HTML) 2 Page - Texas Instruments

  BUF634 Datasheet HTML 1Page - Texas Instruments BUF634 Datasheet HTML 2Page - Texas Instruments BUF634 Datasheet HTML 3Page - Texas Instruments BUF634 Datasheet HTML 4Page - Texas Instruments BUF634 Datasheet HTML 5Page - Texas Instruments BUF634 Datasheet HTML 6Page - Texas Instruments BUF634 Datasheet HTML 7Page - Texas Instruments BUF634 Datasheet HTML 8Page - Texas Instruments BUF634 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics: TO-220 and TO-263
Packages.......................................................................5
6.6 Electrical Characteristics: Wide-Bandwidth Mode
for SOIC Package ........................................................ 7
6.7 Electrical Characteristics: Low-Quiescent-
Current Mode for SOIC Package ................................. 8
6.8 Typical Characteristics: TO-220 and TO-263
Packages.......................................................................9
6.9 Typical Characteristics: SOIC Package ................... 12
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................19
7.4 Device Functional Modes..........................................19
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 22
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 23
9 Device and Documentation Support............................26
9.1 Device Support......................................................... 26
9.2 Documentation Support............................................ 26
9.3 Receiving Notification of Documentation Updates....26
9.4 Support Resources................................................... 26
9.5 Trademarks...............................................................27
9.6 Electrostatic Discharge Caution................................27
9.7 Glossary....................................................................27
10 Revision History.......................................................... 27
11 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Device Comparison Table
DEVICE
VS±
(V)
IQ/CHANNEL
(mA)
BW
(MHz)
SLEW RATE
(V/µs)
VOLTAGE NOISE
(nV/√HZ)
AMPLIFIER DESCRIPTION
BUF634A
±18
1.5 to 8.5
35 to 210
3750
3.4
Unity-gain, open-loop buffer
BUF634
±18
1.5 to 15
30 to 180
2000
4
Unity-gain, open-loop buffer
LMH6321
±18
11
110
1800
2.8
Unity-gain, open-loop buffer with
adjustable current limit
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com