Electronic Components Datasheet Search
  English  ▼

X  

CC1350 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC1350
Description  CC1350 SimpleLink™ Ultra-Low-Power Dual-Band Wireless MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1350 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1350 Datasheet HTML 36Page - Texas Instruments CC1350 Datasheet HTML 37Page - Texas Instruments CC1350 Datasheet HTML 38Page - Texas Instruments CC1350 Datasheet HTML 39Page - Texas Instruments CC1350 Datasheet HTML 40Page - Texas Instruments CC1350 Datasheet HTML 41Page - Texas Instruments CC1350 Datasheet HTML 42Page - Texas Instruments CC1350 Datasheet HTML 43Page - Texas Instruments CC1350 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
Voltage (V)
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
D019
Voltage (V)
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
D020
Temperature (qC)
-40
-20
0
20
40
60
80
100
12
12.5
13
13.5
14
14.5
15
D017
Temperature (qC)
-40
-20
0
20
40
60
80
100
12
12.5
13
13.5
14
14.5
15
D018
Frequency (MHz)
863
865
867
869
871
873
875 876
12
12.5
13
13.5
14
14.5
15
D015
Frequency (MHz)
903
908
913
918
923
928
12
12.5
13
13.5
14
14.5
15
D016
40
CC1350
SWRS183B – JUNE 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC1350
Specifications
Copyright © 2016–2018, Texas Instruments Incorporated
Unless otherwise stated, all performance figures represent an average over six typical parts at room temperature and with the
internal DC/DC converter enabled.
Figure 5-25. TX Maximum Output Power, 863 MHz to 876 MHz
Figure 5-26. TX Maximum Output Power, 902 MHz to 928 MHz
Figure 5-27. TX Maximum Output Power vs Temperature,
868 MHz
Figure 5-28. TX Maximum Output Power vs Temperature,
915 MHz
Figure 5-29. TX Maximum Output Power vs VDDS, 868 MHz
Figure 5-30. TX Maximum Output Power vs VDDS, 915 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com