Electronic Components Datasheet Search
  English  ▼

X  

CC1350 Datasheet(PDF) 65 Page - Texas Instruments

Part # CC1350
Description  CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1350 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC1350 Datasheet HTML 61Page - Texas Instruments CC1350 Datasheet HTML 62Page - Texas Instruments CC1350 Datasheet HTML 63Page - Texas Instruments CC1350 Datasheet HTML 64Page - Texas Instruments CC1350 Datasheet HTML 65Page - Texas Instruments CC1350 Datasheet HTML 66Page - Texas Instruments CC1350 Datasheet HTML 67Page - Texas Instruments CC1350 Datasheet HTML 68Page - Texas Instruments CC1350 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4219044/D 02/2022
www.ti.com
VQFN - 1 mm max height
PLASTIC QUADFLAT PACK- NO LEAD
RGZ0048A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
PIN 1 INDEX AREA
7.1
6.9
7.1
6.9
1 MAX
0.05
0.00
SEATING PLANE
C
5.15±0.1
2X 5.5
2X
5.5
44X 0.5
48X 0.5
0.3
48X 0.30
0.18
PIN1 ID
(OPTIONAL)
(0.2) TYP
1
12
13
24
25
36
37
48
(0.1) TYP
SIDE WALL DETAIL
OPTIONAL METAL THICKNESS
SEE SIDE WALL
DETAIL
CHAMFERED LEAD
CORNER LEAD OPTION
(0.45) TYP
SEE LEAD OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com