Electronic Components Datasheet Search
  English  ▼

X  

A2D1/2R Datasheet(PDF) 1 Page - Mersen

Part # A2D1/2R
Description  UPGRADE YESTERDAY’S CIRCUITS TO TODAY’S TYPE 2 PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A2D1/2R Datasheet(HTML) 1 Page - Mersen

  A2D1/2R Datasheet HTML 1Page - Mersen A2D1/2R Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP.MERSEN.COM
PF 1
P
F
© 2022 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
RATINGS:
A2D-R
Volts: 250VAC/DC
Amps: 1/10 to 600A (AC),
15 to 600A (DC)
IR: 200kA I.R. AC,
100kA I.R. DC
A6D-R
Volts: 600VAC/DC
Amps: 1/10 to 600A
IR: 200kA I.R. AC, 100kA I.R.
DC (Self-certified for 300kA
I.R., UL witnessed.)
APPLIC ATIONS:
•
Motors
•
Safety switches
•
Transformers
•
Branch circuit protection
•
Disconnects
•
Control panels
•
All general-purpose
circuits
Note: See motor fuse applications
tables on page P7
APPRO VALS:
•
UL listed to standard
248-12 File E2137
•
DC listed to UL
standard 248
•
CSA certified to standard
C22.2 No. 248.12
The Amp-Trap 2000® A2D-R and A6D-R fuses provide IEC Type 2 No
Damage protection to main, feeder, and branch circuits for all types
of loads. With time-delay characteristics for handling harmless inrush
currents, current-limiting ability and a wide range of ratings (from 1 to
600 Amperes), A2D-R and A6D-R fuses give excellent protection for all
your applications.
FEATURES/BENEFIT S:
•
Non-indicating or solid state SmartSpot® visual blown fuse indicator
•
Time-delay for motor starting and transformer inrush currents
without nuisance opening
•
600VAC & 600VDC dual rated
•
300kA interrupting rating - self-certified, UL witnessed tests
•
Extremely current-limiting for low peak let-thru current
•
Recommended for Arc Flash energy reduction
•
Easy 2-to-1 selectivity for prevention of nuisance shut downs and
“black outs”
•
Rejection-style design prevents replacement errors (when used with
recommended fuse blocks)
•
High-visibility orange label gives instant brand recognition
•
Reduced inventory by taking the place of class RK5, K, and H fuses
•
Metal-embossed date and catalog number for easier traceability and
lasting identification
•
Fiberglass body provides dimensional stability in harsh industrial
settings
A2D-R & A6D-R
Time Delay/Class RK1
UL/CSA LISTED POWER FUSES
UPGRADE YESTERDAY’S CIRCUITS TO
TODAY’S TYPE 2 PROTECTION


Similar Part No. - A2D1/2R

ManufacturerPart #DatasheetDescription
logo
ebm-papst
A2D200-AA02-01 EBMPAPST-A2D200-AA02-01 Datasheet
459Kb / 10P
AC axial fans
A2D200-AA02-02 EBMPAPST-A2D200-AA02-02 Datasheet
459Kb / 10P
AC axial fans
A2D240-AA02-02 EBMPAPST-A2D240-AA02-02 Datasheet
411Kb / 6P
AC axial fan sickle-shaped blades (S series), single-intake
2016-04-28
A2D250-AA02-01 EBMPAPST-A2D250-AA02-01 Datasheet
459Kb / 10P
AC axial fans
A2D250-AA02-02 EBMPAPST-A2D250-AA02-02 Datasheet
459Kb / 10P
AC axial fans
More results

Similar Description - A2D1/2R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2476 ETC-XE2476 Datasheet
96Kb / 12P
2400 bps Plug-In Upgrade to CH1776
49P11-843 ETC2-49P11-843 Datasheet
732Kb / 1P
UNIVERSAL ELECTRONIC CONTACTOR UPGRADE
logo
ATMEL Corporation
AT89C5131A ATMEL-AT89C5131A_14 Datasheet
334Kb / 34P
Device Firmware Upgrade Class Compliant
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032_15 Datasheet
412Kb / 5P
Industry Wide Pin Compatible 0032 Upgrade
logo
STMicroelectronics
UM0564 STMICROELECTRONICS-UM0564 Datasheet
911Kb / 20P
Device firmware upgrade
10-Jul-2008
UM1083 STMICROELECTRONICS-UM1083 Datasheet
1Mb / 7P
How to upgrade the waveforms on the STEVAL-IME003V1 demonstration board
12-Aug-2011
UM1889 STMICROELECTRONICS-UM1889 Datasheet
437Kb / 8P
This document is a quick user guide explaining how to upgrade
24-Apr-2015
logo
ALPS ELECTRIC CO.,LTD.
SSGM ALPS-SSGM_15 Datasheet
755Kb / 5P
2 to 10 Circuits-designed Type
logo
Schneider Electric
XUSL2E30H166N SCHNEIDER-XUSL2E30H166N Datasheet
196Kb / 7P
XUSL type 2 Hand protection - Std sensing
Jan 7, 2021
logo
Molex Electronics Ltd.
ATS-640162595 MOLEX-ATS-640162595 Datasheet
1Mb / 7P
Safety Guard Upgrade Kit
05-14-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com