Electronic Components Datasheet Search
  English  ▼

X  

MIC5332 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5332
Description  Micro-Power High Performance Dual 300mA ULDO?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5332 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5332 Datasheet HTML 1Page - Micrel Semiconductor MIC5332 Datasheet HTML 2Page - Micrel Semiconductor MIC5332 Datasheet HTML 3Page - Micrel Semiconductor MIC5332 Datasheet HTML 4Page - Micrel Semiconductor MIC5332 Datasheet HTML 5Page - Micrel Semiconductor MIC5332 Datasheet HTML 6Page - Micrel Semiconductor MIC5332 Datasheet HTML 7Page - Micrel Semiconductor MIC5332 Datasheet HTML 8Page - Micrel Semiconductor MIC5332 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5332
January 2007
2
M9999-011608-A
Ordering Information
Part Number
Manufacturing
Part Number
Voltage
Junction
Temperature Range
Package
MIC5332-2.5/1.2YMT
MIC5332-J4YMT
2.5V/1.2V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-2.8/2.8YMT
MIC5332-MMYMT
2.8V/2.8V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-2.8/2.85YMT
MIC5332-MNYMT
2.8V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-2.85/2.85YMT
MIC5332-NNYMT
2.85V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-3.0/2.8YMT
MIC5332-PMYMT
3.0V/2.8V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-3.0/2.85YMT
MIC5332-PNYMT
3.0V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5332-3.0/3.0YMT
MIC5332-PPYMT
3.0V/3.0V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
Note:
Other voltage options available. Contact Micrel for additional details.
Pin Configuration
1
VIN
GND
POR2
EN2
8
VOUT1
VOUT2
CSET2
EN1
7
6
5
2
3
4
8-Pin 2mm x 2mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground.
3
POR2
Power-On Reset Output (Regulator 2): Open-drain output. Active low indicates
an output under-voltage condition on regulator 2 when the device is enabled.
4
EN2
Enable Input (Regulator 2): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
5
EN1
Enable Input (Regulator 1): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
6
CSET2
Delay Set Input (Regulator 2): Connect external capacitor to GND to set the
internal delay for the POR2 output. When left open, there is no delay. This pin
cannot be grounded.
7
VOUT2
Regulator Output – LDO2.
8
VOUT1
Regulator Output – LDO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com