Electronic Components Datasheet Search
  English  ▼

X  

MS6712GU Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6712GU
Description  4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712GU Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6712GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MOSA
MS6712
4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
2
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
REF
1
Analog Reference Voltage(1/2VDD)
VDD
2
Supply Input Voltage
AGND
3
Analog Ground
NC
4
No connected
TREB_L
5
Left Channel Input for Treble Controller
TREB_R
6
Right Channel Input for Treble Controller
RIN
7
Audio Processor Right Channel Input
ROUT
8
Gain Output and Input Selector for Right Channel
LOUD_R
9
Right Channel Loudness Input
RIN4
10
Right Channel Input 4
RIN3
11
Right Channel Input 3
RIN2
12
Right Channel Input 2
RIN1
13
Right Channel Input 1
NC
14
No connected
LOUD_L
15
Left Channel Loudness Input
LIN4
16
Left Channel Input 4
LIN3
17
Left Channel Input 3
LIN2
18
Left Channel Input 2
LIN1
19
Left Channel Input 1
LIN
20
Audio Processor Left Channel Input
LOUT
21
Gain Output and Input Selector for Left Channel
BIN_L
22
Left Bass Controller Input Channel
BOUT_L
23
Left Bass Controller Output Channel
BIN_R
24
Right Bass Controller Input Channel
BOUT_R
25
Right Bass Controller Output Channel
OUT_RR
26
Right Rear Speaker Output
OUT_LR
27
Left Rear Speaker Output
OUT_RF
28
Right Front Speaker Output
OUT_LF
29
Left Front Speaker Output
DGND
30
Digital Ground
SDA
31
I
2C Data Input
SCL
32
I
2C Clock Input
17
18
BIN_L
LOUT
LIN
LIN1
31
30
29
32
2
3
4
1
SCL
SDA
DGND
OUT_LF
REF
VDD
AGND
OUT_RF
OUT_LR
OUT_RR
BOUT_R
BIN_R
BOUT_L
27
26
25
28
6
7
8
5
23
22
21
24
10
11
12
9
19
20
14
13
16
15
MS6712
LIN4
TREB_L
LOUD_R
ROUT
RIN
TREB_R
NC
NC
RIN1
RIN2
RIN3
RIN4
LOUD_L
LIN2
LIN3
SOP32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com