Electronic Components Datasheet Search
  English  ▼

X  

MS6894 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6894
Description  Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6894 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6894 Datasheet HTML 1Page - MOSA ELECTRONICS MS6894 Datasheet HTML 2Page - MOSA ELECTRONICS MS6894 Datasheet HTML 3Page - MOSA ELECTRONICS MS6894 Datasheet HTML 4Page - MOSA ELECTRONICS MS6894 Datasheet HTML 5Page - MOSA ELECTRONICS MS6894 Datasheet HTML 6Page - MOSA ELECTRONICS MS6894 Datasheet HTML 7Page - MOSA ELECTRONICS MS6894 Datasheet HTML 8Page - MOSA ELECTRONICS MS6894 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOSA
MS6894
Mono 1.1W Fully Differential Power Amplifier with Shutdown Selection
REV 1.0
1
www.mosanalog.com
Mono 1.1W, Fully Differential Input
Excellent PSRR, Low Voltage Operation
Selectable Shutdown Logic Level
FEATURES
•PSRR at 217Hz, 80dB at 5V
•Operation range: 2.5V~5.5V
•Shutdown Current 0.1uA at 5V
•Output power, THD+N=1%
RL=8 , 1.1W at 5V, 0.4W at 3.3V, 200mW at 2.5V
•Unity-gain stable
•Space-saving MSOP10, enhance thermal pad
APPLICATIONS
•Portable electronic devices
•PDAs
•Communication headsets
•Cross-reference:
LM4894
DESCRIPTION
The MS6894 is a fully differential power amplifier that can drive 1.1W of continuous average power into a mono 8
bridged-tied load (BTL). Operation with 2.5V supply, it can drive 200mw into a mono 8 . The shutdown may be
enabled by either logic high or logic low that depending on shutdown mode selection. The BTL configuration
eliminates the need for external coupling capacitors on the output in most applications. The MS6894 is unity-gain
stable and can be configured by external gain-setting resistors.
The MS6894 has good feature for portable equipment, these features include the fully differential input, low voltage
operation, micropower consumption shutdown mode, enhance thermal pad and small package MSOP10, make the
MS6894 ideally suited for use in portable electronic equipments.
BLOCK DIAGRAM
Shutdown control
SD
SD Mode
Status
Shutdown
On
On
Shutdown
0
0
1
1
0
1
0
1
SD Mode
-IN
BP
SD
Vo2
+IN
Bias
Vo1
V
DD
GND
1
5
3
2
7
6
10
4
+
-
-
+
Common
mode
7


Similar Part No. - MS6894

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6894 MOSA-MS6894 Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6894MGTR MOSA-MS6894MGTR Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6894MGU MOSA-MS6894MGU Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6894 MOSA-MS6894_1 Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
More results

Similar Description - MS6894

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
logo
National Semiconductor ...
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
MOSA ELECTRONICS
MS6895 MOSA-MS6895 Datasheet
320Kb / 7P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6894 MOSA-MS6894_1 Datasheet
302Kb / 9P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6895 MOSA-MS6895_1 Datasheet
234Kb / 7P
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com