Electronic Components Datasheet Search
  English  ▼

X  

C83C01U005 Datasheet(PDF) 1 Page - Mueller Electric.

Part # C83C01U005
Description  M8 Cordset, 3 Position, 24 AWG Unshielded PVC, Female Straight to Open End
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUELLER [Mueller Electric.]
Direct Link  www.muellerelectric.com
Logo MUELLER - Mueller Electric.

C83C01U005 Datasheet(HTML) 1 Page - Mueller Electric.

  C83C01U005 Datasheet HTML 1Page - Mueller Electric.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
2850 Gilchrist Rd. Bld 5A
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44305
Fax: 330.780.2524
C83C01UXXX
(M8 Cordset, 3 Position, 24 AWG Unshielded PVC, Female Straight to Open End)
•
Mueller’s C83C01UXXX is an M8 3-pin single ended, unshielded
instrumentation cable with a straight female connector on one end and an
open stripped end on the other.
•
Keyway – A Coding
•
Utilizes a 3-conductor 24 AWG PVC-insulated, black cable.
•
Ratings:
o Current: 3 A
o Voltage: 60 V AC/DC
•
Material:
o Coupling Nuts – Nickel Plated Brass
o Pins/Contacts – Gold Plated Brass
•
Length: The “U” in the model number represents unit of measurement.
Either: Meters (M), Feet (F)
•
Length: The “XXX” in the model number represents length. Standard
lengths are 2, 5, and 10 meters. Any other lengths available upon request.
•
Meets Standard: IEC 61076-2-101
•
Protection Class: IEC IP68
•
RoHS 3 Compliant


Similar Part No. - C83C01U005

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
C83C251SA16 INTEL-C83C251SA16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
C83C251SB16 INTEL-C83C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
C83C251SP16 INTEL-C83C251SP16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
C83C251SQ16 INTEL-C83C251SQ16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - C83C01U005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200870306 MOLEX-1200870306 Datasheet
26Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (Straight), 24 AWG, PVC Cable, 0.60m (1.97) Length
02/02/2023
1200870309 MOLEX-1200870309 Datasheet
26Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (Straight), 24 AWG, PVC Cable, 1.0m (3.28) Length
01/31/2023
1200870312 MOLEX-1200870312 Datasheet
26Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (Straight), 24 AWG, PVC Cable, 2.0m (6.56) Length
01/31/2023
1200870317 MOLEX-1200870317 Datasheet
26Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (Straight), 24 AWG, PVC Cable, 5.0m (16.40) Length
02/01/2023
1200870330 MOLEX-1200870330 Datasheet
33Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (Straight), 24 AWG, PVC Cable, 1.0m (3.28) Length
09/03/2022
1200870331 MOLEX-1200870331 Datasheet
33Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (Straight), 24 AWG, PVC Cable, 2.0m (6.56) Length
01/31/2023
1200870343 MOLEX-1200870343 Datasheet
33Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (90°), 24 AWG, PVC Cable, 1.0m (3.28) Length
01/31/2023
1200870346 MOLEX-1200870346 Datasheet
33Kb / 2P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (90°), 24 AWG, PVC Cable, 2.0m (6.56) Length
01/31/2023
1200870670 MOLEX-1200870670 Datasheet
33Kb / 1P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (90°), 24 AWG, PVC Cable, 0.60m (1.97) Length
02/01/2023
1200878584 MOLEX-1200878584 Datasheet
23Kb / 1P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (Straight), 24 AWG, PVC Cable, 0.60m (1.97) Length
02/01/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com