Electronic Components Datasheet Search
  English  ▼

X  

L6390DTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6390DTR
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390DTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6390DTR Datasheet HTML 11Page - STMicroelectronics L6390DTR Datasheet HTML 12Page - STMicroelectronics L6390DTR Datasheet HTML 13Page - STMicroelectronics L6390DTR Datasheet HTML 14Page - STMicroelectronics L6390DTR Datasheet HTML 15Page - STMicroelectronics L6390DTR Datasheet HTML 16Page - STMicroelectronics L6390DTR Datasheet HTML 17Page - STMicroelectronics L6390DTR Datasheet HTML 18Page - STMicroelectronics L6390DTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DocID14493 Rev 11
15/25
L6390
Smart shutdown function
25
7
Smart shutdown function
The L6390 device integrates a comparator committed to the fault sensing function. The
comparator has an internal voltage reference Vref connected to the inverting input, while the
non-inverting input is available on the pin 10. The comparator input can be connected to an
external shunt resistor in order to implement a simple overcurrent detection function. The
output signal of the comparator is fed to an integrated MOSFET with the open drain output
available on the pin 2, shared with the SD input. When the comparator triggers, the device is
set in shutdown state and both its outputs are set to low level leaving the half-bridge in
tristate.
Figure 7. Smart shutdown timing waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com