Electronic Components Datasheet Search
  English  ▼

X  

SCX-PCIE Datasheet(PDF) 18 Page - Elma Electronic Ltd

Part # SCX-PCIE
Description  Secondary CompactPCI® Serial Backplane System Slot Controller Bus Coupler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCX-PCIE Datasheet(HTML) 18 Page - Elma Electronic Ltd

Back Button SCX-PCIE Datasheet HTML 14Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 15Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 16Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 17Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 18Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 19Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 20Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 21Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 22Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Product Information • SCX-PCIE • Secondary Backplane Controller
Mini Card Host Connector
The SCX-PCIE is provided with a PCI Express® Mini Card host connector. It is suitable for PCIe®
based modules, and also USB 2.0 driven Mini Card modules. As an alternate, the socket can be
used also with mSATA SSD modules.
MC1 • PCI Express® Mini Card
or mSATA SSD
PCI Express® Mini Card Socket (255.4.1.052.14) & Latch (255.4.1.052.94)
PCIE_WAKE#
1
2
+3.3V
COEX1 (GPIO2/6/10/14)
3
4
GND
COEX2 (GPIO3/7/11/15)
5
6
+1.5V
CLKREQ# (NC)
7
8
UIM_C1
GND
9
10
UIM_C7
PCIE_CLK-
11
12
UIM_C3
PCIE_CLK+
13
14
UIM_C2
GND
15
16
UIM_C6
UIM_C8
17
18
GND
UIM_C4
19
20
W_DIS1# (GPIO0/4/8/12)
GND
21
22
RST#
PCIE_RN (SATA +B)
23
24
+3.3V
PCIE_RP (SATA -B)
25
26
GND
GND
27
28
+1.5V
GND
29
30
SMB_CLK
PCIE_TN (SATA -A)
31
32
SMB_DAT
PCIE_TP (SATA +A)
33
34
GND
GND
35
36
USB_D- *
GND
37
38
USB_D+ *
+3.3V
39
40
GND
+3.3V
41
42
LED_WWAN#
GND / NC
**
43
44
LED_WLAN#
RSV (NC)
45
46
LED_WPAN#
RSV (NC)
47
48
+1.5V
RSV (NC)
49
50
GND
W_DIS2# (GPIO1/5/9/13)
51
52
+3.3V
Power: The socket can supply a Mini Card with +3.3V/2.5A and +1.5V/1A
* USB 2.0 derived from CPU carrier card PCH via HSE1 mezzanine connector
** Pin 43 is used for autosensing between PCIe® or mSATA cards (PCIe®=GND, mSATA=NC)
1
2
51
52
© EKF
-18-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com