Electronic Components Datasheet Search
  English  ▼

X  

CD3269A Datasheet(PDF) 15 Page - Texas Instruments

Part # CD3269A
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3269A Datasheet(HTML) 15 Page - Texas Instruments

Back Button CD3269A Datasheet HTML 11Page - Texas Instruments CD3269A Datasheet HTML 12Page - Texas Instruments CD3269A Datasheet HTML 13Page - Texas Instruments CD3269A Datasheet HTML 14Page - Texas Instruments CD3269A Datasheet HTML 15Page - Texas Instruments CD3269A Datasheet HTML 16Page - Texas Instruments CD3269A Datasheet HTML 17Page - Texas Instruments CD3269A Datasheet HTML 18Page - Texas Instruments CD3269A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
7.3 Feature Description
7.3.1 Tone Mode Start-up Timing
VMIC
VTONE
VSHUNT
VMICPWR
VREM
2.35V
0V
0V
2.5V
0V
2.5V
0V
2.5V
0V
2.5V
2.5V
tOFFB
tREG.
tM2T.
tCAL.
tACK.
tONA.
Figure 7-2. Tone Mode Start-up Timing
The tone mode start-up sequence is as follows:
1. After detecting VMIC > 2.35V, the switch connecting the MIC and REM pins together (Switch B) is opened
after time tOFFB.
2. After a delay of tONA after VMIC > 2.35V, the VSHUNT and MICPWR pins are shorted (with Switch A). The
microphone is enabled by turning on the FET switch that is controlled by the MICPWR pin.
3. After a delay to allow the switches to settle, tM2T after VMIC > 2.35V, the CD326x sends a preset
acknowledge (ACK) tone sequence.
4. The specially enabled audio interface detects the ACK sequence and authenticates the presence of the
CD326x.
7.3.2 Authentication
To validate connectivity with a specially enabled audio interface, the CD326x provides an authentication
sequence upon start-up. After enabling tone mode (applying VMIC > 2.35V typical), the specially enabled audio
interface waits to receive an acknowledgment from the CD326x. This acknowledgment is a tone sequence
similar to a button press when operating as tone mode. When the CD326x recognizes tone mode upon power-
up, the CD326x sends an acknowledgment (ACK) tone sequence to the specially enabled audio interface. The
tone frequency is identical to the S1 button press tone for the CD3268 and to the S2 button press tone for the
CD3269. However, the ACK tone sequence generates the second tone to be 3.7ms longer compared to the
standard tone sequence for button presses.
The specially enabled audio interface reads the tone sequence as shown in Figure 7-6. The specially enabled
audio interface takes three samples: the first to determine calibration frequency, the second to determine the
www.ti.com
CD3268A, CD3269A
SCHS463 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com