Electronic Components Datasheet Search
  English  ▼

X  

CD74AC257 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74AC257
Description  CDx4AC257, CDx4ACT257, CD74ACT258 Quad 2-Input Multiplexer with Three-State Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC257 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74AC257 Datasheet HTML 3Page - Texas Instruments CD74AC257 Datasheet HTML 4Page - Texas Instruments CD74AC257 Datasheet HTML 5Page - Texas Instruments CD74AC257 Datasheet HTML 6Page - Texas Instruments CD74AC257 Datasheet HTML 7Page - Texas Instruments CD74AC257 Datasheet HTML 8Page - Texas Instruments CD74AC257 Datasheet HTML 9Page - Texas Instruments CD74AC257 Datasheet HTML 10Page - Texas Instruments CD74AC257 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40°C TO 85°C
-55°C TO 125°C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Propagation Delay, In to Y AC/
ACT257
tPLH, tPHL
5 (2)
2.8
-
9.7
2.7
-
10.7
ns
Propagation Delay, S to Y AC/
ACT257
tPLH, tPHL
5
4
-
14
3.9
-
15.4
ns
Propagation Delay, OE to Y AC/
ACT257
tPLZ, tPHZ, tPZL,
tPZH
5
4.1
-
14.6
4
-
16.1
ns
Propagation Delay, In to Y ’AC/
CD74ACT258
tPLH, tPHL
5
2.4
-
8.5
2.3
-
9.3
ns
Propagation Delay, S to Y ’AC/
CD74ACT258
tPLH, tPHL
5
4
-
14
3.9
-
15.4
ns
Propagation Delay, OE to Y ’AC/
CD74ACT258
tPLZ, tPHZ, tPZL,
tPZH
5
4.1
-
14.6
4
-
16.1
ns
Three-State Output Capacitance CO
-
-
-
15
-
-
15
pF
Input Capacitance
CI
-
-
-
10
-
-
10
pF
Power Dissipation Capacitance
CPD (3)
-
-
130
-
-
130
-
pF
(1)
3.3V Min is at 3.6V, Max is at 3V.
(2)
5V Min is at 5.5V, Max is at 4.5V.
(3)
CPD is used to determine the dynamic power consumption per multiplexer.
Note
AC: PD = CPD VCC 2 fi + ∑ (CL VCC 2 fo)
ACT: PD = CPD VCC 2 fi + ∑ (CL VCC 2 fo) + VCC ΔICC where fi = input frequency, fo = output frequency,
CL = output load capacitance, VCC = supply voltage.
www.ti.com
CD54AC257, CD74AC257, CD54ACT257, CD74ACT257, CD74ACT258
SCHS248C – NOVEMBER 1998 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54AC257 CD74AC257 CD54ACT257 CD74ACT257 CD74ACT258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com