Electronic Components Datasheet Search
  English  ▼

X  

CD74AC151 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74AC151
Description  CD74AC151 8-Line to 1-Line Data Selector/Multiplexer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC151 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74AC151 Datasheet HTML 2Page - Texas Instruments CD74AC151 Datasheet HTML 3Page - Texas Instruments CD74AC151 Datasheet HTML 4Page - Texas Instruments CD74AC151 Datasheet HTML 5Page - Texas Instruments CD74AC151 Datasheet HTML 6Page - Texas Instruments CD74AC151 Datasheet HTML 7Page - Texas Instruments CD74AC151 Datasheet HTML 8Page - Texas Instruments CD74AC151 Datasheet HTML 9Page - Texas Instruments CD74AC151 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
over recommended operating free-air temperature range, VCC = 1.5V, CL = 50pF (unless otherwise noted) (see Load Circuit
and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
-55°C to 125°C
-40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
tPLH
G
Y
153
139
ns
tPHL
153
139
tPLH
G
W
169
153
ns
tPHL
169
153
4.7 Switching Characteristics, VCC = 3.3V ± 0.3V
over recommended operating free-air temperature range, VCC = 3.3V ± 0.3V, CL = 50pF (unless otherwise noted) (see Load
Circuit and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
-55°C to 125°C
-40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
tPLH
D
Y
4.7
18.9
4.9
17.1
ns
tPHL
4.7
18.9
4.9
17.1
tPLH
D
W
5.2
20.9
5.4
19
ns
tPHL
5.2
20.9
5.4
19
tPLH
A, B, or C
Y
6.4
25.5
6.6
23.2
ns
tPHL
6.4
25.5
6.6
23.2
tPLH
A, B, or C
W
6.9
27.4
7.1
24.9
ns
tPHL
6.9
27.4
7.1
24.9
tPLH
G
Y
4.3
17.1
4.4
15.5
ns
tPHL
4.3
17.1
4.4
15.5
tPLH
G
W
4.7
18.9
4.9
17.2
ns
tPHL
4.7
18.9
4.9
17.2
4.8 Switching Characteristics, VCC = 5V ± 0.5V
over recommended operating free-air temperature range, VCC = 5V ± 0.5V, CL = 50pF (unless otherwise noted) (see Load
Circuit and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
-55°C to 125°C
-40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
tPLH
D
Y
3.4
13.5
3.5
12.3
ns
tPHL
3.4
13.5
3.5
12.3
tPLH
D
W
3.7
14.9
3.8
13.5
ns
tPHL
3.7
14.9
3.8
13.5
tPLH
A, B, or C
Y
4.6
18.2
4.7
16.5
ns
tPHL
4.6
18.2
4.7
16.5
tPLH
A, B, or C
W
4.9
19.6
5.1
17.8
ns
tPHL
4.9
19.6
5.1
17.8
tPLH
G
Y
3.1
12.2
3.1
11.1
ns
tPHL
3.1
12.2
3.1
11.1
tPLH
G
W
3.4
13.5
3.5
12.3
ns
tPHL
3.4
13.5
3.5
12.3
CD74AC151
SCHS333B – MARCH 2003 – REVISED MAY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD74AC151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com