Electronic Components Datasheet Search
  English  ▼

X  

CD54HC251F Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC251F
Description  CDx4HC251, CDx4HCT251 High-Speed CMOS Logic 8-Input Multiplexer, Three-State
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC251F Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC251F Datasheet HTML 2Page - Texas Instruments CD54HC251F Datasheet HTML 3Page - Texas Instruments CD54HC251F Datasheet HTML 4Page - Texas Instruments CD54HC251F Datasheet HTML 5Page - Texas Instruments CD54HC251F Datasheet HTML 6Page - Texas Instruments CD54HC251F Datasheet HTML 7Page - Texas Instruments CD54HC251F Datasheet HTML 8Page - Texas Instruments CD54HC251F Datasheet HTML 9Page - Texas Instruments CD54HC251F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5.5 Switching Characteristics
Input tt = 6ns. Unless otherwise specified, CL = 50pF
PARAMETER
VCC (V)
25°C
-40°C to
85°C
-55°C to
125°C
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tpd
Select to outputs
2
245
305
370
ns
4.5
21(1)
49
61
74
6
42
52
63
tpd
Data to outputs
2
175
220
265
ns
4.5
12(1)
35
44
53
6
30
37
45
tpd
Enable to high Z and enable from high Z
2
140
175
210
ns
4.5
11(1)
28
35
42
6
24
30
36
tt
Output transition times
2
75
95
110
ns
4.5
15
19
22
6
13
16
19
Ci
Input capacitance
10
10
10
pF
CO
Three-state output capacitance
15
15
15
pF
Cpd (3) (4)
Power dissipation capacitance
5
60(2)
pF
HCT TYPES
tpd
Select to outputs
4.5
18(1)
42
53
63
ns
tpd
Data to outputs
4.5
12(1)
35
44
53
ns
tpd
Enable to high Z and enable from high Z
4.5
12(1)
30
38
45
ns
tt
Output transition times
4.5
15
19
22
ns
Ci
Input capacitance
10
10
10
pF
Cpd (3) (4)
Power dissipation capacitance
5
60(2)
pF
(1)
Typical value tested at 5V, CL = 15pF.
(2)
Typical value tested at 5V.
(3)
CPD is used to determine the dynamic power consumption, per channel.
(4)
PD = VCC 2fi(CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD54HC251, CD74HC251, CD54HCT251, CD74HCT251
SCHS169D – NOVEMBER 1998 – REVISED MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC251 CD74HC251 CD54HCT251 CD74HCT251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com