Electronic Components Datasheet Search
  English  ▼

X  

CDCE421A Datasheet(PDF) 16 Page - Texas Instruments

Part # CDCE421A
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE421A Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE421A Datasheet HTML 12Page - Texas Instruments CDCE421A Datasheet HTML 13Page - Texas Instruments CDCE421A Datasheet HTML 14Page - Texas Instruments CDCE421A Datasheet HTML 15Page - Texas Instruments CDCE421A Datasheet HTML 16Page - Texas Instruments CDCE421A Datasheet HTML 17Page - Texas Instruments CDCE421A Datasheet HTML 18Page - Texas Instruments CDCE421A Datasheet HTML 19Page - Texas Instruments CDCE421A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Appendix A: Test Configurations
LVDS
100 W
LVDS
LVPECL
50 W
50 W
LVPECL
VCC
2V
-
LVDS
50 W
PhaseNoise
Analyzer
LVPECL
150 W
150 W
150 W
PhaseNoise
Analyzer
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
Test setups are used to characterize the CDCE421A device in both ac- and dc-termination. Figure 5 through
Figure 8 illustrate all four setups used to terminate the clock signal driven by the device under test.
Figure 5. LVDS DC Termination Test Configuration
Figure 6. LVPECL DC Termination Test Configuration
Figure 7. LVDS AC Termination Test Configuration
Figure 8. LVPECL AC Termination Test Configuration
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com