Electronic Components Datasheet Search
  English  ▼

X  

CD74HC595MT Datasheet(PDF) 8 Page - Texas Instruments

Part # CD74HC595MT
Description  CD74HC595 8-Bit Shift Registers With 3-State Output Registers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC595MT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC595MT Datasheet HTML 4Page - Texas Instruments CD74HC595MT Datasheet HTML 5Page - Texas Instruments CD74HC595MT Datasheet HTML 6Page - Texas Instruments CD74HC595MT Datasheet HTML 7Page - Texas Instruments CD74HC595MT Datasheet HTML 8Page - Texas Instruments CD74HC595MT Datasheet HTML 9Page - Texas Instruments CD74HC595MT Datasheet HTML 10Page - Texas Instruments CD74HC595MT Datasheet HTML 11Page - Texas Instruments CD74HC595MT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
5.6 Switching Characteristics
over operating free-air temperature range, CL = 50pF (unless otherwise noted) (Figure 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25oC
TA=-40oC to
85oC
TA = -55oC to
125oC
UNIT
MIN
TYP MAX
MIN
MAX
MIN MAX
fmax
2
6
26
5
4.2
MHz
4.5
31
38
25
21
6
36
42
29
25
tpd
SRCLK
QH'
2
50
160
200
240
ns
4.5
17
32
40
48
6
14
27
34
41
RCLK
QA-QH
2
50
150
187
225
4.5
17
30
37
45
6
14
26
32
38
tPHL
SRCLR
QH'
2
51
175
219
261
ns
4.5
18
35
44
52
6
15
30
37
44
ten
OE
QA-QH
2
40
150
187
225
ns
4.5
15
30
37
45
6
13
26
32
38
tdis
OE
QA-QH
2
42
200
250
300
ns
4.5
23
40
50
60
6
20
34
43
51
tt
QA-QH
2
28
60
75
90
ns
4.5
8
12
15
18
6
6
10
13
15
QH'
2
28
75
95
110
4.5
8
15
19
22
6
6
13
16
19
5.6 Switching Characteristics
over operating free-air temperature range, CL = 150pF (unless otherwise noted) (Figure 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25oC
TA=-40oC to
85oC
TA = -55oC to
125oC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fpd
RCLK
QA-QH
2
60
200
250
300
MHz
4.5
22
40
50
60
6
19
34
43
51
ten
OE
QA-QH'
2
70
200
250
298
ns
4.5
2340
40
50
60
6
19
34
43
51
tt
QA-QH
2
45
210
265
315
ns
4.5
17
42
53
63
6
13
36
45
53
CD74HC595
SCHS353A – JANUARY 2004 – REVISED FEBRUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD74HC595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com