Electronic Components Datasheet Search
  English  ▼

X  

SN28837FS Datasheet(PDF) 1 Page - Texas Instruments

Part # SN28837FS
Description  735- 횞 580-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28837FS Datasheet(HTML) 1 Page - Texas Instruments

  SN28837FS Datasheet HTML 1Page - Texas Instruments SN28837FS Datasheet HTML 2Page - Texas Instruments SN28837FS Datasheet HTML 3Page - Texas Instruments SN28837FS Datasheet HTML 4Page - Texas Instruments SN28837FS Datasheet HTML 5Page - Texas Instruments SN28837FS Datasheet HTML 6Page - Texas Instruments SN28837FS Datasheet HTML 7Page - Texas Instruments SN28837FS Datasheet HTML 8Page - Texas Instruments SN28837FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TC277
735-
× 580-PIXEL CCD IMAGE SENSOR
SOCS020B – DECEMBER 1991
Copyright
© 1991, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• High-Resolution, Solid-State Image Sensor
for PAL B/W TV Applications
• 8-mm Image-Area Diagonal, Compatible
With 1/2” Vidicon Optics
• 699 (H) x 288 (V) Active Elements in
Image-Sensing Area
• Low Dark Current
• Electron-Hole Recombination Antiblooming
• Dynamic Range . . . More Than 70 dB
• High Sensitivity
• High Photoresponse Uniformity
• High Blue Response
• Single-Phase Clocking
• Solid-State Reliability With No Image
Burn-in, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC277 is a frame-transfer charge-coupled device (CCD) image sensor designed for use in single-chip B/W
PAL TV applications. The device is intended to replace a 1/2-inch vidicon tube in applications requiring small
size, high reliability, and low cost.
The image-sensing area of the TC277 is configured into 288 lines with 699 elements in each line. Thirty-three
elements are provided in each line for dark reference. The blooming-protection feature incorporated into the
sensor is based on recombining excess charge with charge of opposite polarity in the substrate. This
antiblooming is activated by supplying clocking pulses to the antiblooming gate, which is an integral part of each
image-sensing element.
The sensor is designed to operate in an interlace mode, electronically displacing the image-sensing elements
by one-half of a vertical line during the charge-integration period in alternate fields, and effectively increasing
the vertical resolution and minimizing aliasing. The device can also be run as a 732 (H) by 288 (V) noninterlaced
sensor with significant reduction in the dark signal. The image is read out through three outputs, each of which
reads out every third column.
A gated floating-diffusion detection structure with an automatic reset and voltage reference incorporated on-chip
converts charge to signal voltage. A low-noise, two-stage, source-follower amplifier buffers the output and
provides high output-drive capability.
The TC277 is built using TI-proprietary virtual-phase technology, which provides devices with high blue
response, low dark current, high photoresponse uniformity, and single-phase clocking. The TC277 is
characterized for operation from –10
°C to 45°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
SUB 1
IAG 2
ABG 3
TDB 4
OUT3 5
OUT2 6
OUT1 7
AMP GND 8
ADB 9
SUB 10
20 SUB
19 IAG
18 ABG
17 SAG
16 IDB
15 SRG3
14 SRG2
13 SRG1
12 TRG
11 CDB
DUAL-IN-LINE PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN28837FS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28837FS TI-SN28837FS Datasheet
296Kb / 18P
1/2-INCH PAL TIMER
SN28837FS-X TI-SN28837FS-X Datasheet
296Kb / 18P
1/2-INCH PAL TIMER
More results

Similar Description - SN28837FS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
1158- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC241 TI-TC241 Datasheet
282Kb / 18P
780- 횞 488-pixel ccd image sensor
TC245 TI-TC245 Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
TC244A TI-TC244A Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com