Electronic Components Datasheet Search
  English  ▼

X  

DAC7562SDGST Datasheet(PDF) 29 Page - Texas Instruments

Part # DAC7562SDGST
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7562SDGST Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC7562SDGST Datasheet HTML 25Page - Texas Instruments DAC7562SDGST Datasheet HTML 26Page - Texas Instruments DAC7562SDGST Datasheet HTML 27Page - Texas Instruments DAC7562SDGST Datasheet HTML 28Page - Texas Instruments DAC7562SDGST Datasheet HTML 29Page - Texas Instruments DAC7562SDGST Datasheet HTML 30Page - Texas Instruments DAC7562SDGST Datasheet HTML 31Page - Texas Instruments DAC7562SDGST Datasheet HTML 32Page - Texas Instruments DAC7562SDGST Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
V
REFIN
REFOUT
/V
R
R
R
R
V
REF
2
R
DIVIDER
ToOutput Amplifier
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
Feature Description (continued)
8.3.1.1 Resistor String
The resistor string section is shown in Figure 89. It is simply a string of resistors, each of value R. The code
loaded into the DAC register determines at which node on the string the voltage is tapped off to be fed into the
output amplifier by closing one of the switches connecting the string to the amplifier. The resistor string
architecture results in monotonicity. The RDIVIDER switch is controlled by the gain registers (see the Gain Function
section). Because the output amplifier has a gain of 2, RDIVIDER is not shorted when the DAC-n gain is set to 1
(default if internal reference is disabled), and is shorted when the DAC-n gain is set to 2 (default if internal
reference is enabled).
Figure 89. Resistor String
8.3.1.2 Output Amplifier
The output buffer amplifier is capable of generating rail-to-rail voltages on its output, giving a maximum output
range of 0 V to AVDD. It is capable of driving a load of 2 kΩ in parallel with 3 nF to GND. The typical slew rate is
0.75 V/µs, with a typical full-scale settling time of 14 µs as shown in Figure 31, Figure 32, Figure 75 and
Figure 76.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com