Electronic Components Datasheet Search
  English  ▼

X  

DAC60004IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC60004IPWR
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC60004IPWR Datasheet(HTML) 3 Page - Texas Instruments

  DAC60004IPWR Datasheet HTML 1Page - Texas Instruments DAC60004IPWR Datasheet HTML 2Page - Texas Instruments DAC60004IPWR Datasheet HTML 3Page - Texas Instruments DAC60004IPWR Datasheet HTML 4Page - Texas Instruments DAC60004IPWR Datasheet HTML 5Page - Texas Instruments DAC60004IPWR Datasheet HTML 6Page - Texas Instruments DAC60004IPWR Datasheet HTML 7Page - Texas Instruments DAC60004IPWR Datasheet HTML 8Page - Texas Instruments DAC60004IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Thermal
Pad
1
LDAC
14
SCLK
2
SYNC
13
SDIN
3
VDD
12
GND
4
VOUTA
11
VOUTB
5
VOUTC
10
VOUTD
6
POR
9
CLR
7
REFIN
8
SDO
1
LDAC
14
SCLK
2
SYNC
13
SDIN
3
VDD
12
GND
4
VOUTA
11
VOUTB
5
VOUTC
10
VOUTD
6
POR
9
CLR
7
REFIN
8
SDO
Not to scale
3
DAC80004, DAC70004, DAC60004
www.ti.com
SLASED6D – APRIL 2016 – REVISED DECEMBER 2017
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
DAC80004
16
DAC70004
14
DAC60004
12
6 Pin Configuration and Functions
14-Pin VSON
DMD Package
Top View
14-Pin TSSOP
PW Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
CLR
9
Digital Input
Clear DAC pin, falling edge sensitive
GND
12
Power
Ground
LDAC
1
Digital Input
Load DAC pin, active low
POR
6
Digital Input
Power-on-reset configuration, Connecting the POR pin to GND powers up all four DACs
to zero scale. Connecting this pin to VDD powers up all four DACs to midscale.
REFIN
7
Analog Input
Voltage reference input for all channels
SCLK
14
Digital Input
Serial interface shift clock
SDIN
13
Digital Input
Serial interface digital input
SDO
8
Digital Output
Serial interface digital output for readback and daisy chaining
SYNC
2
Digital Input
Serial interface synchronization, active low
VDD
3
Power
Positive power supply (2.7 V to 5.5 V)
VOUTA
4
Analog Output
DAC A output
VOUTB
11
Analog Output
DAC B output
VOUTC
5
Analog Output
DAC C output
VOUTD
10
Analog Output
DAC D output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com