Electronic Components Datasheet Search
  English  ▼

X  

DAC8162SDGST Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC8162SDGST
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8162SDGST Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC8162SDGST Datasheet HTML 18Page - Texas Instruments DAC8162SDGST Datasheet HTML 19Page - Texas Instruments DAC8162SDGST Datasheet HTML 20Page - Texas Instruments DAC8162SDGST Datasheet HTML 21Page - Texas Instruments DAC8162SDGST Datasheet HTML 22Page - Texas Instruments DAC8162SDGST Datasheet HTML 23Page - Texas Instruments DAC8162SDGST Datasheet HTML 24Page - Texas Instruments DAC8162SDGST Datasheet HTML 25Page - Texas Instruments DAC8162SDGST Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
−12
−9
−6
−3
0
3
6
9
12
0
8192 16384 24576 32768 40960 49152 57344 65536
Digital Input Code
Typical channel shown
125°C
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192 16384 24576 32768 40960 49152 57344 65536
Digital Input Code
Typical channel shown
125°C
−12
−9
−6
−3
0
3
6
9
12
0
8192 16384 24576 32768 40960 49152 57344 65536
Digital Input Code
Typical channel shown
25°C
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192 16384 24576 32768 40960 49152 57344 65536
Digital Input Code
Typical channel shown
25°C
−12
−9
−6
−3
0
3
6
9
12
0
8192 16384 24576 32768 40960 49152 57344 65536
Digital Input Code
Typical channel shown
−40°C
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192 16384 24576 32768 40960 49152 57344 65536
Digital Input Code
Typical channel shown
−40°C
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
7.7.4 Typical Characteristics: DAC at AVDD = 2.7 V
At TA = 25°C, 2.5-V external reference used, gain = 1, and DAC output not loaded, unless otherwise noted.
Figure 55. Linearity Error vs Digital Input Code (–40°C)
Figure 56. Differential Linearity Error vs Digital Input Code
(–40°C)
Figure 57. Linearity Error vs Digital Input Code (25°C)
Figure 58. Differential Linearity Error vs Digital Input Code
(25°C)
Figure 59. Linearity Error vs Digital Input Code (125°C)
Figure 60. Differential Linearity Error vs Digital Input Code
(125°C)
22
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com