Electronic Components Datasheet Search
  English  ▼

X  

MCSH18B104FCT Datasheet(PDF) 15 Page - Multicomp Pro

Part # MCSH18B104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH18B104FCT Datasheet(HTML) 15 Page - Multicomp Pro

Back Button MCSH18B104FCT Datasheet HTML 7Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 8Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 9Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 10Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 11Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 12Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 13Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 14Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 15Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Page <15>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Certificate of compliance
Theparts,materialsandtheproductsarecompliantwithallrequirementandexemptionsetbytheEuropeanRoHSDirective
2011/65/EU. The statements in this letter are true and accurate.
Composition List of Products & Parts (MLCC)
Prod-
uct
P/N
Composition of
Parts
Composition of Materials
Ex-
emp-
tion
Typical weight
Material
Name
Typical
wt%
in
product
Sub-
stance
Name
Typical
wt%
in
material
Substance
Name
Typical
wt%
in
product
CAS
No.
Sub-
stance
weight
(mg)
Material
weight
(mg)
Product
weight
(mg)
MLCC
MCSH21B
0805 series
Dielectric
ceramic
body
86.05
Barium
Titanate
98
Barium
Titanate(IV)
84.3290
12047-
27-7
14.977
15.283
17.76
Yttrium
Oxide
2
Yttrium
Oxide
1.7210
1314-
36-9
0.306
Inner
electrode
2.85
Nickel
80
Nickel
2.2800
7440-
02-0
0.405
0.506
Barium
Titanate
20
Barium
Titanate(IV)
0.5700
12047-
27-7
0.101
Terminal
electrode
1.9
Copper
88
Copper
1.6720
7440-
50-8
0.297
0.337
Lead
Free
Glass
12
Lead Free
Glass Frit
0.2280
65997-
18-4
0.04
Soft
terminal
3.3
Silver
85
Silver
2.8050
7440-
22-4
0.498
0.586
Phenolic
epoxy
resin
10
Phenolic
epoxyresin
0.3300
9003-
36-5
0.059
Phenolic
resin
5
Phenolic
resin
0.1650
9003-
35-4
0.029
Under
plating
3.54
Ni
100
Ni
3.5400
7440-
02-0
0.629
0.629
Surface
plating
2.36
Matte Sn
100
Matte Sn
2.3600
7440-
31-5
0.419
0.419
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
anyerrorinoromissionfromitorforanyusemadeofit.UsersofthisdatasheetshouldcheckforthemselvestheInformationandthesuitabilityoftheproductsfortheirpurposeandnotmake
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
wheretheGroupwasawareofthepossibilityofsuchlossordamagearising)isexcluded.ThiswillnotoperatetolimitorrestricttheGroup’sliabilityfordeathorpersonalinjuryresultingfromits
negligence.MulticompProistheregisteredtrademarkofPremierFarnellLimited2019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com