Electronic Components Datasheet Search
  English  ▼

X  

MCSH21B104FCT Datasheet(PDF) 3 Page - Multicomp Pro

Part # MCSH21B104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH21B104FCT Datasheet(HTML) 3 Page - Multicomp Pro

  MCSH21B104FCT Datasheet HTML 1Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 2Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 3Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 4Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 5Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 6Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 7Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 8Page - Multicomp Pro MCSH21B104FCT Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Page <3>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Packaging Style and Quantity:
Size
Thickness (mm)/Symbol
Paper tape
Plastic tape
7" reel
13" reel
7" reel
13" reel
0402 (1005)
0.5±0.2
E
10k
-
-
-
0603 (1608)
0.8±0.07
S
4k
15k
-
-
0.8+0.15/-0.1
X
4k
15k
-
-
0805 (2012)
0.6±0.1
A
4k
15k
-
-
0.8±0.1
B
4k
15k
-
-
1.25±0.1
D
-
-
3k
10k
1.25±0.2
I
-
-
3k
10k
1206 (3216)
0.8±0.1
B
4k
15k
-
-
0.95±0.1
C
-
-
3k
10k
1.15±0.15
J
-
-
3k
10k
1.25±0.1
D
-
-
3k
10k
1.6±0.2
G
-
-
2k
10k
1.6+0.3/-0.1
P
-
-
2k
9k
1210 (3225)
0.95±0.1
C
-
-
3k
10k
1.25±0.1
D
-
-
3k
10k
1.6±0.2
G
-
-
2k
-
2±0.2
K
-
-
1k
6k
2.5±0.3
M
-
-
1k
6k
1812 (4532)
1.25±0.1
D
-
-
1k
5k
2±0.2
K
-
-
1k
-
Unit: pieces
No
Item
Test Condition
Requirements
1
Visual and
Mechanical
-
*Noremarkabledefect.
*Dimensionstoconformtoindividualspecificationsheet.
Reliability Test Conditions and Requirements:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com