Electronic Components Datasheet Search
  English  ▼

X  

ATM Datasheet(PDF) 1 Page - Mersen

Part # ATM
Description  MIDGET, PC MOUNT & MINIATURE FUSES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

ATM Datasheet(HTML) 1 Page - Mersen

  ATM Datasheet HTML 1Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EP.MERSEN.COM
MF 3
M
F
© 2018 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
Amp-Trap® midget fast-acting ATM fuses are rated 600 volts AC and
DC, with a 100kA interrupting rating. These ratings give the ATM a
wide range of applications not covered by other midget fuses. In
addition, ratings of 30/35, 30/40 and 30/50 amperes are offered for
specific applications such as capacitor protection. These ATM fuses
must still be considered 30A fuses because of their dimensions, but
are able to withstand much higher inrush currents and tougher duty
cycles. (Not for Branch Circuit Protection).
FEATURES/BENEFIT S:
•
For supplemental protection of small motors and transformers
•
Extended ratings for special protection of capacitors and circuits
with high inrush currents
•
600VDC ratings for a wide variety of applications including
photovoltaic and solar applications.
•
Can be used with UltraSafe™ fuse holders
•
1 1/2" x 13/32" (10mm x 38mm) dimensions
REC OMMENDED FUSE BL OCK S for Midget (10x38mm) Fuses
RATINGS:
•
Volts: 600VAC / DC
•
Amps: 1/10 to 30A
(35 to 50A AC only)
•
I.R.: 100kA I.R.; 10kA I.R. AC
(35 to 50A)
HIGHLIGHT S:
•
Fast-acting
•
Special Ratings (Above 30A)
APPLIC ATIONS:
•
Supplemental protection of
of circuits up to 600VAC and
600VDC with 100kA I.R.
C ATAL OG NUMBERS
(AMPS)
APPRO VALS:
•
UL listed to standard 248-14
(1/10 to 30A) File E33925
•
DC Listed to UL Standard
248-14 (1/10 to 30A)
•
CSA Certified to Standard
C22.2 No. 248.14 (1/10 to
30A)
* are not continuous current rated devices
ATM1/10
ATM2
ATM12
ATM1/8
ATM3
ATM15
ATM2/10
ATM4
ATM20
ATM1/4
ATM5
ATM25
ATM1/2
ATM6
ATM30
ATM3/4
ATM7
ATM30/35*
ATM1
ATM8
ATM30/40*
ATM1-1/2
ATM10
ATM30/50*
ATM
Fast-Acting Midget Fuses
MIDGE T, PC MOUNT & MINIATURE FUSES
Catalog Number
Number of Poles
UltraSafeTM Indicating
Fuse Holder
Screw
Connector
Pressure Plate
Connector
Copper Box
Connector
Adder
30310
30320
30350
1
USM1I
30311
30321
30351
2
USM2I
30312
30322
30352
3
USM3I
30313
30323
30353
3
USFM10I


Similar Part No. - ATM

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ATM EATON-ATM Datasheet
796Kb / 2P
ATM blade fuses
logo
Mersen
ATM MERSEN-ATM Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
TOKYO KEISO CO.,LTD.
ATM KEISO-ATM Datasheet
121Kb / 2P
Averaging Temperature Sensor
Oct 2017
logo
List of Unclassifed Man...
ATM-0007 ETC2-ATM-0007 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
ATM-0018 ETC2-ATM-0018 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
More results

Similar Description - ATM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLF30 LITTELFUSE-BLF30 Datasheet
78Kb / 1P
Axial Lead and Cartridge Fuses - Midget
FLM LITTELFUSE-FLM Datasheet
35Kb / 1P
Axial Lead and Cartridge Fuses - Midget
FLQ LITTELFUSE-FLQ Datasheet
35Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLK LITTELFUSE-KLK Datasheet
39Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLKD LITTELFUSE-KLKD Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLQ LITTELFUSE-KLQ Datasheet
71Kb / 1P
Axial Lead and Cartridge Fuses - Midget
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
DCM-4 COOPER-DCM-4 Datasheet
233Kb / 1P
Midget Fuses, 600Vac/dc
logo
Littelfuse
65600001009 LITTELFUSE-65600001009 Datasheet
162Kb / 1P
PC Mount, 5x20mm Fuses
FLQ LITTELFUSE-FLQ_V01 Datasheet
780Kb / 5P
FLQ SERIES MIDGET (10x38mm) FUSES
Rev: 4-B-041217
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com