Electronic Components Datasheet Search
  English  ▼

X  

ATDR2 Datasheet(PDF) 1 Page - Mersen

Part # ATDR2
Description  THE BEST PROTECTION FOR TODAY’S SMALL MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

ATDR2 Datasheet(HTML) 1 Page - Mersen

  ATDR2 Datasheet HTML 1Page - Mersen ATDR2 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP.MERSEN.COM
PF 24
P
F
© 2021 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
RATINGS:
Volts: 600VAC, 300VDC
Amps: 1/4 to 30A
IR: 200kA I.R. AC,
100kA I.R. DC
APPLIC ATIONS:
•
Small motors
•
Contactors
•
Lighting, heating &
general loads
•
Branch circuit protection
Note: See motor fuse applications
tables for more information
APPRO VALS:
•
UL listed to standard
248-4 File E2137
•
CSA certified to standard
C22.2 No. 248.4
•
DC listed to UL standard
248
Amp-Trap 2000® ATDR small-dimension fuses can provide IEC Type 2
No Damage protection to your facility’s increasingly sensitive branch
circuit components and small motors – minimizing the risk of fault-
related damage. ATDR Class CC fuses deliver the best time-delay
characteristics in their class with excellent cycling ability for small
motor loads.
FEATURES/BENEFIT S:
•
Time-delay for motor starting inrush currents without nuisance
opening
•
Highly current-limiting for low peak let-thru current
•
Improved cycling ability for frequent motor starts/stops without
nuisance fuse opening
•
Rejection-style design prevents replacement errors (when used
with recommended fuse blocks)
•
High-visibility orange label ensures instant brand recognition,
simplifies replacement
•
Metal-embossed date and catalog number for traceability and
lasting identification
•
Fiberglass body provides dimensional stability in harsh industrial
settings
•
High-grade silica filler ensures fast arc quenching and optimum
current-limitation
ATDR
Time Delay/Class CC
UL/CSA LISTED POWER FUSES
THE BEST PROTECTION FOR TODAY’S SMALL MOTORS


Similar Part No. - ATDR2

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ATD-1 PAIRUI-ATD-1 Datasheet
489Kb / 4P
AC-DC Converter
ATD-10 PAIRUI-ATD-10 Datasheet
527Kb / 4P
AC-DC Converter
ATD-12 PAIRUI-ATD-12 Datasheet
587Kb / 4P
AC-DC Converter
ATD-15 PAIRUI-ATD-15 Datasheet
625Kb / 4P
AC-DC Converter
ATD-20 PAIRUI-ATD-20 Datasheet
669Kb / 4P
AC-DC Converter
More results

Similar Description - ATDR2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23105 MACOM-V23105 Datasheet
498Kb / 11P
The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
The Best Relaytion
logo
PowerVolt Inc.
BVU6000 POWERVOLT-BVU6000 Datasheet
536Kb / 2P
The Power Supply for Stepping Motors
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
The best ESD protection for high frequency, low voltage applications
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
The Best Seller G2R
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
The Best Relaytion
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
Achieving the best system for Horticulture
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
The best ESD protection for high frequency, low voltage applications
logo
Shanghai Leiditech Elec...
PESD0402MV18 LEIDITECH-PESD0402MV18 Datasheet
1Mb / 6P
The best ESD protection for high speed applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com