Electronic Components Datasheet Search
  English  ▼

X  

ZXTP5401Z Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP5401Z
Description  150V, SOT89, PNP High voltage transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP5401Z Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP5401Z Datasheet HTML 1Page - Zetex Semiconductors ZXTP5401Z Datasheet HTML 2Page - Zetex Semiconductors ZXTP5401Z Datasheet HTML 3Page - Zetex Semiconductors ZXTP5401Z Datasheet HTML 4Page - Zetex Semiconductors ZXTP5401Z Datasheet HTML 5Page - Zetex Semiconductors ZXTP5401Z Datasheet HTML 6Page - Zetex Semiconductors ZXTP5401Z Datasheet HTML 7Page - Zetex Semiconductors ZXTP5401Z Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - August 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP5401Z
150V, SOT89, PNP High voltage transistor
Summary
BVCEO > -150V
BVEBO > -5V
IC(cont) = -600mA
PD = 1.2W
Complementary part number ZXTN5551Z
Description
A high voltage PNP transistor in a small outline surface mount package.
Features
•150V rating
•
SOT89 package
Applications
•
High voltage amplification
Ordering information
Device marking
P01
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTP5401ZTA
7
12
1000
C
E
B
C
E
Pinout - top view
C
B


Similar Part No. - ZXTP5401Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
ZXTP5401ZTA DIODES-ZXTP5401ZTA Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
More results

Similar Description - ZXTP5401Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST15 ZETEX-BST15 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
150V, SOT23, PNP High voltage transistor
AUGUST 2007
ZXTP5401G DIODES-ZXTP5401G Datasheet
250Kb / 8P
150V, SOT223, PNP High voltage transistor
AUGUST 2007
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
logo
Fairchild Semiconductor
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX555 DIODES-FCX555_15 Datasheet
245Kb / 7P
150V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com